Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC54HC574A Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC54HC574A
Description  OCTAL 3-STARE NONINVERTING D FLIP-FLOP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC54HC574A Datasheet(HTML) 3 Page - Motorola, Inc

  MC54HC574A Datasheet HTML 1Page - Motorola, Inc MC54HC574A Datasheet HTML 2Page - Motorola, Inc MC54HC574A Datasheet HTML 3Page - Motorola, Inc MC54HC574A Datasheet HTML 4Page - Motorola, Inc MC54HC574A Datasheet HTML 5Page - Motorola, Inc MC54HC574A Datasheet HTML 6Page - Motorola, Inc MC54HC574A Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC54/74HC574A
High–Speed CMOS Logic Data
DL129 — Rev 6
3–3
MOTOROLA
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Guaranteed Limit
Unit
v 125_C
v 85_C
– 55 to
25
_C
VCC
V
Test Conditions
Parameter
Symbol
Iin
Maximum Input Leakage Current
Vin = VCC or GND
6.0
± 0.1
± 1.0
± 1.0
µA
IOZ
Maximum Three–State Leakage
Current
Output in High–Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
Iout = 0 µA
6.0
4.0
40
160
µA
NOTE: Information on typical parametric values can be found in Chapter 2 of the Motorola High–Speed CMOS Data Book (DL129/D).
DC ELECTRICAL CHARACTERISTICS (Voltages Referenced to GND)
Sb l
P
T
C
di i
V
Guaranteed Limit
Ui
Symbol
Parameter
Test Conditions
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
IOZ
Maximum Three–State Leakage
Current
Output in High–Impedance State
Vin = VIL or VIH
Vout = VCC or GND
6.0
± 0.5
± 5.0
± 10
µA
ICC
Maximum Quiescent Supply
Current (per Package)
Vin = VCC or GND
|Iout| = 0 µA
6.0
4.0
40
160
µA
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
Sb l
P
V
Guaranteed Limit
Ui
Symbol
Parameter
VCC
V
– 55 to
25
_C
v 85_C
v 125_C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
2.0
3.0
4.5
6.0
6.0
15
30
35
4.8
10
24
28
4.0
8.0
20
24
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q
(Figures 1 and 4)
2.0
3.0
4.5
6.0
160
105
32
27
200
145
40
34
240
190
48
41
ns
tPLZ,
tPHZ
Maximum Propagation Delay, Output Enable to Q
(Figures 2 and 5)
2.0
3.0
4.5
6.0
150
100
30
26
190
125
38
33
225
150
45
38
ns
tPZL,
tPZH
Maximum Propagation Delay, Output Enable to Q
(Figures 2 and 5)
2.0
3.0
4.5
6 0
140
90
28
24
175
120
35
30
210
140
42
36
ns
tTLH,
tTHL
Maximum Output Transition Time, any Output
(Figures 1 and 4)
2.0
3.0
4.5
6.0
60
27
12
10
75
32
15
13
90
36
18
15
ns
Cin
Maximum Input Capacitance
10
10
10
pF
Cout
Maximum Three–State Output Capacitance, Output in High–Impedance State
15
15
15
pF
NOTE: For propagation delays with loads other than 50 pF, and information on typical parametric values, see Chapter 2 of the Motorola High–
Speed CMOS Data Book (DL129/D).
C
P
Di
i
i
C
i
(P
E
bl d O
)*
Typical @ 25
°C, VCC = 5.0 V
F
CPD
Power Dissipation Capacitance (Per Enabled Output)*
24
pF
* Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see Chapter 2 of the
Motorola High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC54HC574A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54HC573A MOTOROLA-MC54HC573A Datasheet
235Kb / 7P
   Octal 3-State Noninverting Transparent Latch
More results

Similar Description - MC54HC574A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A Datasheet
178Kb / 8P
   Octal 3-State Noninverting D Flip-Flop
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74ACT574 INTEGRAL-IN74ACT574 Datasheet
220Kb / 5P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A_11 Datasheet
153Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
May, 2011 ??Rev. 13
logo
System Logic Semiconduc...
SL74HC374 SLS-SL74HC374 Datasheet
53Kb / 5P
   Octal 3-State Noninverting D Flip-Flop
logo
KODENSHI_AUK CORP.
KK74HC374A KODENSHI-KK74HC374A Datasheet
250Kb / 6P
   Octal 3-State Noninverting D Flip-Flop
logo
ON Semiconductor
MC74HC574A ONSEMI-MC74HC574A_14 Datasheet
133Kb / 9P
   Octal 3-State Noninverting D Flip-Flop
August, 2014 ??Rev. 15
logo
Motorola, Inc
MC54HCT374A MOTOROLA-MC54HCT374A Datasheet
119Kb / 7P
   OCTAL 3-STATE NONINVERTING D FLIP-FLOP WITH LSTTL-COM
logo
Integral Corp.
IN74HC574 INTEGRAL-IN74HC574 Datasheet
112Kb / 5P
   Noninverting D Flip-Flop
logo
ON Semiconductor
MC74HCT574A ONSEMI-MC74HCT574A Datasheet
162Kb / 8P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
MC74HCT574A ONSEMI-MC74HCT574A_11 Datasheet
143Kb / 7P
   Octal 3-State Noninverting D Flip-Flop with LSTTL-Compatible Inputs
June, 2011 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com