Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4100EG Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4100EG
Description  Smart Battery Charger Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4100EG Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4100EG Datasheet HTML 3Page - Linear Technology LTC4100EG Datasheet HTML 4Page - Linear Technology LTC4100EG Datasheet HTML 5Page - Linear Technology LTC4100EG Datasheet HTML 6Page - Linear Technology LTC4100EG Datasheet HTML 7Page - Linear Technology LTC4100EG Datasheet HTML 8Page - Linear Technology LTC4100EG Datasheet HTML 9Page - Linear Technology LTC4100EG Datasheet HTML 10Page - Linear Technology LTC4100EG Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC4100
7
sn4100 4100is
BLOCK DIAGRA
+
+
+
+
1.28V
1.19V
WATCHDOG
DETECT tON
OSCILLATOR
DCIN
PWM
LOGIC
S
R
Q
CA1
BUFFERED
ITH
gm = 1m
+
+
÷5
+
17mV
100mV
gm = 1m
gm = 1.5m
1.19V
1.2V
CLP
SMBus
INTERFACE
AND CONTROL
THERMISTER
INTERFACE
LIMIT
DECODER
ICMP
IREV
0V
VSET
BAT
CSP
IDC
ILIM
VLIM
ITH
ACP
DCDIV
PGND
CLN
CLP
DCIN
INFET
CHGEN
SMBALERT
SDA
SCL
THA
THB
GND
CLP
TGATE
BGATE
EA
CL1
5.8V
11-BIT
VDAC
10-BIT
IDAC
3k
9k
12
18
1
3
2
23
24
5
4
6
8
9
16
15
13
14
11
10
19
20
21
22
100
0.01
µF
0.1
µF
VBAT
VBAT
SW
SW
Q2
Q3
Q1
RCL
20
µF
D1
L1
VIN
VIN
7
10
µA
VDD
RSENSE
20
µF
RVLIM
RILIM
17 VDD
Figure 2.
TEST CIRCUIT
+
+
EA
VDAC
0.6V
LT1055
CSP
BAT VSET
ITH
LTC4100
1.19V
4100 TC01
PI FU CTIO S
CLN (Pin 23): Negative Input to the Input Current Limiting
Circuit Block. If no current limit function is desired, con-
nect this pin to CLP. The threshold is set at 100mV below
the voltage at the CLP pin. When used to limit supply
current, a filter is needed to filter out the switching noise.
CLP (Pin 24): Positive Input to the Input Current Limiting
Circuit Block. This pin also serves as a power supply for
the IC. Bypass to ground with a 1
µF capacitor.
V
VV
V
FOR V
V x
A
DCIN
V
TOL
BAT
VDAC
VDAC
VDAC
=
=
=
.(
)
100
17 56 0 44 0
21


Similar Part No. - LTC4100EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4100EGPBF LINER-LTC4100EGPBF Datasheet
252Kb / 30P
   Smart Battery Charger Controller
LTC4100EGTRPBF LINER-LTC4100EGTRPBF Datasheet
252Kb / 30P
   Smart Battery Charger Controller
More results

Similar Description - LTC4100EG

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4100 LINER-LTC4100_09 Datasheet
252Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101_15 Datasheet
260Kb / 30P
   Smart Battery Charger Controller
LTC4100 LINER-LTC4100_15 Datasheet
325Kb / 30P
   Smart Battery Charger Controller
LTC4101 LINER-LTC4101 Datasheet
296Kb / 28P
   Smart Battery Charger Controller
LTC1759 LINER-LTC1759 Datasheet
362Kb / 28P
   Smart Battery Charger
LTC1759 LINER-LTC1759_15 Datasheet
300Kb / 28P
   Smart Battery Charger
logo
Silicon Standard Corp.
SS6781A SSC-SS6781A Datasheet
844Kb / 18P
   Battery Charger Controller
logo
Renesas Technology Corp
M62254FP RENESAS-M62254FP Datasheet
233Kb / 12P
   Standard Battery Charger Controller
logo
Mitsubishi Electric Sem...
M62254FP MITSUBISHI-M62254FP Datasheet
68Kb / 6P
   Standard Battery Charger Controller
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com