Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RURD410 Datasheet(PDF) 2 Page - Harris Corporation

Part # RURD410
Description  4A, 100V - 200V Ultrafast Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RURD410 Datasheet(HTML) 2 Page - Harris Corporation

  RURD410 Datasheet HTML 1Page - Harris Corporation RURD410 Datasheet HTML 2Page - Harris Corporation RURD410 Datasheet HTML 3Page - Harris Corporation RURD410 Datasheet HTML 4Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
5-22
Specifications RURD410, RURD415, RURD420, RURD410S, RURD415S, RURD420S
Electrical Specifications
TC = +25
oC, Unless Otherwise Specified
SYMBOL
TEST
CONDITION
LIMITS
UNITS
RURD410
RURD410S
RURD415
RURD415S
RURD420
RURD420S
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VF
IF = 4A, TC = +25
oC
-
-
1.0
-
-
1.0
-
-
1.0
V
VF
IF = 4A, TC = +150
oC
-
-
0.83
-
-
0.83
-
-
0.83
IR
VR = 100V, TC = +25
oC
VR = 150V, TC = +25
oC
VR = 200V, TC = +25
oC
-
-
-
-
-
-
100
-
-
-
-
-
-
-
-
-
100
-
-
-
-
-
-
-
-
-
100
µA
IR
VR = 100V, TC = +150
oC
VR = 150V, TC = +150
oC
VR = 200V, TC = +150
oC
-
-
-
-
-
-
500
-
-
-
-
-
-
-
-
-
500
-
-
-
-
-
-
-
-
-
500
µA
tRR
IF = 1A, dIF/dt = 100A/µs
-
-30-
-30-
-30
ns
IF = 4A, dIF/dt = 100A/µs
-
-35-
-35-
-35
tA
IF = 4A, dIF/dt = 100A/µs
-
11
-
-
11
-
-
11
-
tB
IF = 4A, dIF/dt = 100A/µs
-
9-
-9-
-
9-
QRR
IF = 4A, dIF/dt = 100A/µs
-
12
-
-
12
-
-
12
-
nC
CJ
VR = 10V, IF = 0A
-
15
-
-
15
-
-
15
-
pF
RθJC
--
5
-
-
5
--
5
oC/W
DEFINITIONS
VF = Instantaneous forward voltage (pw = 300µs, D = 2%).
IR = Instantaneous reverse current.
tRR = Reverse recovery time (See Figure 2), summation of tA + tB.
tA = Time to reach peak reverse current (See Figure 2).
tB = Time from peak IRM to projected zero crossing of IRM based on a straight line from peak IRM through 25% of IRM (See Figure 2).
RθJC = Thermal resistance junction to case.
EAVL = Controlled avalanche energy (See Figures 9 and 10).
pw = pulse width.
D = duty cycle.
FIGURE 1. tRR TEST CIRCUIT
FIGURE 2. tRR WAVEFORMS AND DEFINITIONS
C1
LLOOP
DUT
Q3
R3
Q4
Q2
R1
R2
-V4
Q1
-V2
0
0
+V1
t1
t2
t3
R4
+V3
V1 AMPLITUDE CONTROLS IF
V2 AMPLITUDE CONTROLS dIF/dt
L1 = SELF INDUCTANCE OF
t1 ≥ 5tA(MAX)
t2 > tRR
t3 > 0
L1
R4
tA(MIN)
10
R4 + LLOOP
dt
dIF
IF
tRR
tA
tB
0
IRM
0.25 IRM
VR
VRM


Similar Part No. - RURD410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURD4120 INTERSIL-RURD4120 Datasheet
47Kb / 4P
   4A, 1200V Ultrafast Diodes
logo
Fairchild Semiconductor
RURD4120 FAIRCHILD-RURD4120 Datasheet
354Kb / 5P
   4A, 1200V Ultrafast Diodes
logo
Inchange Semiconductor ...
RURD4120 ISC-RURD4120 Datasheet
401Kb / 2P
   Ultrafast Recovery Diode
logo
Intersil Corporation
RURD4120S INTERSIL-RURD4120S Datasheet
47Kb / 4P
   4A, 1200V Ultrafast Diodes
logo
Fairchild Semiconductor
RURD4120S FAIRCHILD-RURD4120S Datasheet
354Kb / 5P
   4A, 1200V Ultrafast Diodes
More results

Similar Description - RURD410

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURD420 INTERSIL-RURD420 Datasheet
46Kb / 4P
   4A, 200V Ultrafast Diodes
logo
Fairchild Semiconductor
RURD420S FAIRCHILD-RURD420S Datasheet
100Kb / 5P
   4A, 200V Ultrafast Diodes
logo
Intersil Corporation
BYW51-100 INTERSIL-BYW51-100 Datasheet
25Kb / 3P
   8A, 100V - 200V Ultrafast Dual Diodes
June 1995
logo
New Jersey Semi-Conduct...
MUR3010PT NJSEMI-MUR3010PT Datasheet
80Kb / 2P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Harris Corporation
MUR3010PT HARRIS-MUR3010PT Datasheet
31Kb / 3P
   15A, 100V - 200V Ultrafast Dual Diodes
logo
Fairchild Semiconductor
RURD4120 FAIRCHILD-RURD4120 Datasheet
354Kb / 5P
   4A, 1200V Ultrafast Diodes
RURD4120S_F085 FAIRCHILD-RURD4120S_F085 Datasheet
466Kb / 5P
   4A, 1200V Ultrafast Diodes
logo
Intersil Corporation
RURD460 INTERSIL-RURD460 Datasheet
28Kb / 3P
   4A, 600V Ultrafast Diodes
logo
Fairchild Semiconductor
RURD4120S9A FAIRCHILD-RURD4120S9A Datasheet
498Kb / 5P
   4A, 1200V Ultrafast Diodes
RURD460 FAIRCHILD-RURD460 Datasheet
371Kb / 5P
   4A, 600V Ultrafast Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com