Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT2305-D Datasheet(PDF) 3 Page - Princeton Technology Corp

Part # PT2305-D
Description  2.5W 횞 2 Class AB Audio Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2305-D Datasheet(HTML) 3 Page - Princeton Technology Corp

  PT2305-D Datasheet HTML 1Page - Princeton Technology Corp PT2305-D Datasheet HTML 2Page - Princeton Technology Corp PT2305-D Datasheet HTML 3Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tel: 886-2-66296288
Fax: 886-2-29174598
URL: http://www.princeton.com.tw
PT2305 V1.0
- 3 -
September, 2004
2.5W × 2 Class AB Audio Power Amplifier
PT2305
APPLICATION CIRCUIT
ORDER INFORMATION
Valid Part Number
Package
Top Code
PT2305
20 Pins, TSSOP, 173mil
PT2305
PT2305-S
20 Pins, SOP, 300mil
PT2305-S
PT2305-D
20 Pins, DIP, 300mil
PT2305-D
PT2305 (L)
20 Pins, TSSOP, 173mil
PT2305
PT2305-S (L)
20 Pins, SOP, 300mil
PT2305-S
PT2305-D (L)
20 Pins, DIP, 300mil
PT2305-D
Notes:
1. (L) = Lead Free
2. The Lead Free mark is put in front of the date code.


Similar Part No. - PT2305-D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2305-D PTC-PT2305-D Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
More results

Similar Description - PT2305-D

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
   2.5W 횞 2 Class AB Audio Power Amplifier
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
   2W 횞 2 Class AB Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
   2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
Princeton Technology Co...
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
   2W x 2 Class AB Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
   2.5W Stereo Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
   Class AB Audio Amplifier
2014 V1.1
logo
Princeton Technology Co...
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
   1W Class-AB Audio Power Amplifier
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
   1W Class AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
   1W Class-AB Audio Power Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com