Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP2115S Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # HDSP2115S
Description  8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HDSP2115S Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  HDSP2115S Datasheet HTML 1Page - Siemens Semiconductor Group HDSP2115S Datasheet HTML 2Page - Siemens Semiconductor Group HDSP2115S Datasheet HTML 3Page - Siemens Semiconductor Group HDSP2115S Datasheet HTML 4Page - Siemens Semiconductor Group HDSP2115S Datasheet HTML 5Page - Siemens Semiconductor Group HDSP2115S Datasheet HTML 6Page - Siemens Semiconductor Group HDSP2115S Datasheet HTML 7Page - Siemens Semiconductor Group HDSP2115S Datasheet HTML 8Page - Siemens Semiconductor Group HDSP2115S Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
HDSP2110S/1S/2S/3S/4S/5S
Figure 3. Read cycle timing diagram
Cascading Displays
The HDSP211XS oscillator is designed to drive up to 16 other
HDSP211XSs with input loading of 15 pF each.
The following are the general requirements for cascading 16
displays together:
• Determine the correct address for each display.
• Use CE from an address decoder to select the correct
display.
• Select one of the Displays to provide the clock for the other
displays. Connect CLKSEL to VCC for this display.
• Tie CLKSEL to ground on other displays.
• Use RTS to synchronize the blinking between the displays.
Figure 4. Cascading diagram
Tacc
Trd
Tdf
Tr
Tces
Tcer
Tceh
Tacs
Tach
Tacs
A0-A3
FL
Tce
CE
RD
D0-D7
RD WR
FL
RST CLK I/O CLKSEL
D0-D7 A0-A4
CE
Display
D0-D7 A0-A4
CE
Up to14 More Displays
in between
Address Decode Chip 1 to 14
Address
Data I/O
RD
WR
FL
RST
VCC
A6
A7
A8
A9
Address
Decoder
RD WR
FL
RST CLK I/O CLKSEL
0
15
Display


Similar Part No. - HDSP2115S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HDSP2115S INFINEON-HDSP2115S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
More results

Similar Description - HDSP2115S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HDSP2110S INFINEON-HDSP2110S Datasheet
500Kb / 13P
   8-Character 5x7 Dot Matrix Parallel Input Alphanumeric Intelligent Display
March 24, 2000-13
logo
Siemens Semiconductor G...
PLCD5580 SIEMENS-PLCD5580 Datasheet
292Kb / 12P
   Low Power 0.145??8-Character, 5x5 Dot Matrix Parallel Input Alphanumeric Intelligent Display
MSD2010TXV SIEMENS-MSD2010TXV Datasheet
426Kb / 11P
   150 4-Character 5x7 Dot Matrix Serial Input Alphanumeric Military Display
MSD2310TXV SIEMENS-MSD2310TXV Datasheet
413Kb / 11P
   200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DLR5735 SIEMENS-DLR5735 Datasheet
47Kb / 2P
   17.5 mm Single Character 5x7 Dot Matrix Alphanumeric Display
SCF5740 SIEMENS-SCF5740 Datasheet
91Kb / 12P
   0.270??4-Character, 5x7 Dot Matrix Serial Input Dot Addressable Intelligent Display
logo
OSRAM GmbH
DLX713X OSRAM-DLX713X Datasheet
194Kb / 4P
   5x7 Dot Matrix Intelligent Display
logo
Siemens Semiconductor G...
MSD2351TXV SIEMENS-MSD2351TXV Datasheet
411Kb / 11P
   SUNLIGHT VIEWABLE .200 4-CHARACTER 5X7 DOT MATRIX SERIAL INPUT ALPHANUMERIC MILITARY DISPLAY
DLO4135 SIEMENS-DLO4135 Datasheet
167Kb / 4P
   43/68 Single Character DLO4135/7 5x7 Dot Matrix Intelligent Display
logo
Infineon Technologies A...
SCD5580A INFINEON-SCD5580A Datasheet
427Kb / 15P
   8-Character 5 x 5 Dot Matrix Serial Input Dot Addressable Intelligent Display
March 23, 2000-18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com