Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3F2-DS10Z2N Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3F2-DS10Z2N
Description  M18 Cylindrical Photoelectric
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-DS10Z2N Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3F2-DS10Z2N Datasheet HTML 1Page - Omron Electronics LLC E3F2-DS10Z2N Datasheet HTML 2Page - Omron Electronics LLC E3F2-DS10Z2N Datasheet HTML 3Page - Omron Electronics LLC E3F2-DS10Z2N Datasheet HTML 4Page - Omron Electronics LLC E3F2-DS10Z2N Datasheet HTML 5Page - Omron Electronics LLC E3F2-DS10Z2N Datasheet HTML 6Page - Omron Electronics LLC E3F2-DS10Z2N Datasheet HTML 7Page - Omron Electronics LLC E3F2-DS10Z2N Datasheet HTML 8Page - Omron Electronics LLC E3F2-DS10Z2N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
E3F2
E3F2
5
Engineering Data
J OPERATING RANGE (TYPICAL)
E3F2-3
jj-jj (Through-beam)
E3F2-R2
jj-jj (Retroreflective)
X
Y
X
Y
Distance X (m)
Distance X (m)
Distance X (m)
E3F2-R2 and E39-RU1 (Right angle adapter)
80
40
20
0
-20
-40
-60
-80
01
5
12
5
23
60
5
0
05
1
5
12
5
23
05
34
4 5
150
100
50
0
-50
-100
-150
Distance X (m)
E3F2-3 and E39-RU1 (Right angle adapter)
E3F2-7
j-4j (Through-beam)
E3F2-R2R
j-4j (Polarized, retroreflective)
Distance X (m)
Distance X (m)
0
–10
–20
–30
10
20
30
40
0
1
2
3
4
5
6
7
89
–40
0
–2
–4
–6
–8
2
4
6
8
0,0
0,5
1,0
1,5
2,0
2,5
3,0
3,5
4,0
–10
10


Similar Part No. - E3F2-DS10Z2N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2-DS10Z1-N OMRON-E3F2-DS10Z1-N Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
More results

Similar Description - E3F2-DS10Z2N

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XU2N18KP9AAL5T SCHNEIDER-XU2N18KP9AAL5T Datasheet
125Kb / 2P
   Photoelectric sensors XU, XU2, transmitteur, cylindrical M18, 15 m
Jul 14, 2022
logo
Panasonic Semiconductor
CY-100 PANASONIC-CY-100 Datasheet
568Kb / 6P
   Cylindrical Photoelectric Sensor
CY-111A PANASONIC-CY-111A Datasheet
568Kb / 4P
   Cylindrical Photoelectric Sensor
logo
List of Unclassifed Man...
E3HT ETC1-E3HT Datasheet
167Kb / 4P
   8 mm Metal Cylindrical Photoelectric
logo
Schneider Electric
XGHB211345 SCHNEIDER-XGHB211345 Datasheet
123Kb / 4P
   RFID electronic tag - 13.56 MHz - cylindrical M18 - 256 Bytes
logo
Omron Electronics LLC
E3FZLS86H OMRON-E3FZLS86H Datasheet
1Mb / 17P
   Easy mounting photoelectric sensor in short M18 housing
logo
Schneider Electric
XX218A3NAM12Z81 SCHNEIDER-XX218A3NAM12Z81 Datasheet
109Kb / 2P
   ultrasonic sensor cylindrical M18 - 2 filling levels - Sn 0.5 m - NO - M12
Apr 17, 2023
XX518A3PAM12 SCHNEIDER-XX518A3PAM12 Datasheet
114Kb / 7P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, M12 connector
Apr 17, 2023
XX518A3NAM12 SCHNEIDER-XX518A3NAM12 Datasheet
71Kb / 2P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, M12 connector
Jan 12, 2022
XX2V1A1PKM12J14 SCHNEIDER-XX2V1A1PKM12J14 Datasheet
77Kb / 3P
   ultrasonic sensor cylindrical M18 - 2 levels - Sn 8 m - 2 NO - M12 connector
Apr 17, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com