Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3F2-3Z1 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3F2-3Z1
Description  M18 Cylindrical Photoelectric
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-3Z1 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3F2-3Z1 Datasheet HTML 6Page - Omron Electronics LLC E3F2-3Z1 Datasheet HTML 7Page - Omron Electronics LLC E3F2-3Z1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-3Z1 Datasheet HTML 9Page - Omron Electronics LLC E3F2-3Z1 Datasheet HTML 10Page - Omron Electronics LLC E3F2-3Z1 Datasheet HTML 11Page - Omron Electronics LLC E3F2-3Z1 Datasheet HTML 12Page - Omron Electronics LLC E3F2-3Z1 Datasheet HTML 13Page - Omron Electronics LLC E3F2-3Z1 Datasheet HTML 14Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
E3F2
E3F2
10
Dimensions
Unit: mm (inch)
J PRE-LEADED DC MODELS
Emitter
(or receiver on
through-beam)
16.8 dia.
Diffuse and Retroreflective (DC)
Polyvinyl chloride-covered cord, 4-mm dia. (18/0.12),
4-conductor (brown, blue, black, and pink)
Standard length: 2 m
M18 x 1
5 dia.
Receiver
Sensitivity adjuster on
DS 30 diffuse models only
Light indicator
65 (2.56)
42.3 (1.67)
37 (1.46)
49.3 (1.94)
6.2
(0.24)
22
(0.87)
8
(0.31)
24
(0.94)
3.1
(0.12)
Through-beam (DC)
Emitter:
Polyvinyl chloride-covered cord, 4-mm dia.
(18/0.12), 2-conductor (brown and blue)
Standard length:
2 m
Receiver: Polyvinyl chloride-covered cord, 4-mm dia.
(18/0.12), 4-conductor (brown, blue, black,
and pink)
Standard length:
2 m
E3F2-7
j4-j
E3F2-DS10
j4-j
E3F2-DS30
j4
E3F2-R2
j4
E3F2-R2R
j4-j
E3F2-7L-P1
E3F2-7D-P1
E3F2-7C4-P1, -M1-
j
E3F2-DS10
j4-P1, -M1j
E3F2-DS30
j4-P1, -M1j
E3F2-R2
j-P1
E3F2-R2R
j-M1-j
Optical axis
Lens
Light indicator
Nameplate
10.5 dia.
16.8 dia.
J CONNECTOR DC MODELS
Sensitivity adjuster on
DS 30 diffuse models only
5 dia.
6 dia.
M12 x 1
M18 x 1
16.8
8.2
12.4
(0.49)
6.2
22
(0.87)
5
8
4
42.3 (1.67)
37 (1.46)
49.3 (1.94)
A
B
24
(0.94)
Metal body
Plastic body
E3F2-DS
jjjj-j1
E3F2-DS30
j4-P1
A
76 (2.99)
73 (2.87)
B
65.5 (2.58)
61.7 (2.43)


Similar Part No. - E3F2-3Z1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3F2-3Z1 OMRON-E3F2-3Z1 Datasheet
1Mb / 28P
   Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
More results

Similar Description - E3F2-3Z1

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XU2N18KP9AAL5T SCHNEIDER-XU2N18KP9AAL5T Datasheet
125Kb / 2P
   Photoelectric sensors XU, XU2, transmitteur, cylindrical M18, 15 m
Jul 14, 2022
logo
Panasonic Semiconductor
CY-100 PANASONIC-CY-100 Datasheet
568Kb / 6P
   Cylindrical Photoelectric Sensor
CY-111A PANASONIC-CY-111A Datasheet
568Kb / 4P
   Cylindrical Photoelectric Sensor
logo
List of Unclassifed Man...
E3HT ETC1-E3HT Datasheet
167Kb / 4P
   8 mm Metal Cylindrical Photoelectric
logo
Schneider Electric
XGHB211345 SCHNEIDER-XGHB211345 Datasheet
123Kb / 4P
   RFID electronic tag - 13.56 MHz - cylindrical M18 - 256 Bytes
logo
Omron Electronics LLC
E3FZLS86H OMRON-E3FZLS86H Datasheet
1Mb / 17P
   Easy mounting photoelectric sensor in short M18 housing
logo
Schneider Electric
XX218A3NAM12Z81 SCHNEIDER-XX218A3NAM12Z81 Datasheet
109Kb / 2P
   ultrasonic sensor cylindrical M18 - 2 filling levels - Sn 0.5 m - NO - M12
Apr 17, 2023
XX518A3PAM12 SCHNEIDER-XX518A3PAM12 Datasheet
114Kb / 7P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, M12 connector
Apr 17, 2023
XX518A3NAM12 SCHNEIDER-XX518A3NAM12 Datasheet
71Kb / 2P
   Ultrasonic sensors XX, ultrasonic sensor cylindrical M18, Sn 0.5 m, NO, M12 connector
Jan 12, 2022
XX2V1A1PKM12J14 SCHNEIDER-XX2V1A1PKM12J14 Datasheet
77Kb / 3P
   ultrasonic sensor cylindrical M18 - 2 levels - Sn 8 m - 2 NO - M12 connector
Apr 17, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com