Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1231S Datasheet(PDF) 8 Page - Dallas Semiconductor

Part # DS1231S
Description  Power Monitor Chip
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1231S Datasheet(HTML) 8 Page - Dallas Semiconductor

  DS1231S Datasheet HTML 1Page - Dallas Semiconductor DS1231S Datasheet HTML 2Page - Dallas Semiconductor DS1231S Datasheet HTML 3Page - Dallas Semiconductor DS1231S Datasheet HTML 4Page - Dallas Semiconductor DS1231S Datasheet HTML 5Page - Dallas Semiconductor DS1231S Datasheet HTML 6Page - Dallas Semiconductor DS1231S Datasheet HTML 7Page - Dallas Semiconductor DS1231S Datasheet HTML 8Page - Dallas Semiconductor DS1231S Datasheet HTML 9Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DS1231/S
022698 8/9
AC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; VCC = 5V + 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
VTP to NMI Delay
tIPD
1.1
µs
VCC Slew Rate 4.75-4.25V
tF
300
µs
VCC Detect to RST and RST
tRPD
100
ns
VCC Detect to NMI
tIPU
200
µs
4
VCC Detect to RST and RST
tRPU
150
500
1000
ms
4
VCC Slew Rate 4.25-4.75V
tR
0
ns
NOTES:
1. All voltages referenced to ground.
2. VCC = +5.0 volts with outputs open.
3. Measured with outputs open.
4. tR = 5 µs.
5. RST is an open drain output and requires a pull–up resister.
6. RST remains within 0.5V of VCC on power–down until VCC drops below 2.0V. RST remains within 0.5V of
GND on power–down until VCC drops below 2.0V.
TIMING DIAGRAM: POWER-UP
VTP
tR
MODE=VCC
tRPU
VCC
NMI
INPUT PIN 1
MODE=GND
4.5V
4.25V
4.75V
tIPU
VOH
VOH
VOL
RST
RST


Similar Part No. - DS1231S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1231 MAXIM-DS1231 Datasheet
70Kb / 9P
   Power Monitor Chip
022698
DS1231-50 MAXIM-DS1231-50 Datasheet
70Kb / 9P
   Power Monitor Chip
1/9
DS1231/S MAXIM-DS1231/S Datasheet
70Kb / 9P
   Power Monitor Chip
1/9
More results

Similar Description - DS1231S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1231-50 MAXIM-DS1231-50 Datasheet
70Kb / 9P
   Power Monitor Chip
1/9
DS1231 MAXIM-DS1231 Datasheet
70Kb / 9P
   Power Monitor Chip
022698
logo
Pixart Imaging Inc.
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
   Low Power Optical Heart Rate Monitor Chip
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
   Low Power Heart Rate Monitor Optical Chip
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
   Power Monitor
Rev. 10/17/17
logo
Weidmuller
1423550000 WEIDMULLER-1423550000 Datasheet
5Mb / 94P
   POWER MONITOR
logo
Maxim Integrated Produc...
DS2436 MAXIM-DS2436 Datasheet
478Kb / 29P
   Battery ID/Monitor Chip
071607
logo
Dallas Semiconductor
DS2436 DALLAS-DS2436_07 Datasheet
472Kb / 29P
   Battery ID/Monitor Chip
DS2436 DALLAS-DS2436 Datasheet
505Kb / 29P
   Battery ID/Monitor Chip
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
   Power Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com