Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV401AIRGWR Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DRV401AIRGWR
Description  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV401AIRGWR Datasheet(HTML) 4 Page - Burr-Brown (TI)

  DRV401AIRGWR Datasheet HTML 1Page - Burr-Brown (TI) DRV401AIRGWR Datasheet HTML 2Page - Burr-Brown (TI) DRV401AIRGWR Datasheet HTML 3Page - Burr-Brown (TI) DRV401AIRGWR Datasheet HTML 4Page - Burr-Brown (TI) DRV401AIRGWR Datasheet HTML 5Page - Burr-Brown (TI) DRV401AIRGWR Datasheet HTML 6Page - Burr-Brown (TI) DRV401AIRGWR Datasheet HTML 7Page - Burr-Brown (TI) DRV401AIRGWR Datasheet HTML 8Page - Burr-Brown (TI) DRV401AIRGWR Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
DRV401
SBVS070A − JUNE 2006 − REVISED OCTOBER 2006
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
Boldface limits apply over the specified temperature range, TJ = −40°C to +125°C, with zero output current ICOMP.
At TA = +25°C and VDD1 = VDD2 = +5V with external 100kHz filter BW, unless otherwise noted.
DRV401
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOLTAGE REFERENCE
Voltage(2)
No Load
2.495
2.5
2.505
V
Drift(2)
No Load
±5
±50
ppm/
°C
PSRR(2)
±15
±200
µV/V
Load Regulation(2)
Load to GND/VDD, dI = 0mA to 5mA
0.15
mV/mA
Short-Circuit Current
ISC
REFOUT Connected to VDD
+20
mA
REFOUT Connected to GND
−18
mA
DEMAGNETIZATION
Duration
See Timing Diagram
106
130(3)
ms
DIGITAL I/O
LOGIC INPUTS (DEMAG, GAIN, and CCdiag Pins)
CMOS Type Levels
Pull-Up High Current (CCdiag)
3.5 < VIN < VDD
160
µA
Pull-Up Low Current (CCdiag)
0 < VIN < 1.5
5
µA
Logic Input Leakage Current
0 < VIN < VDD
0.01
5
µA
Logic Level, Input: L/H
2.1/2.8
V
Hysteresis
0.7
V
OUTPUTS (ERROR AND OVER-RANGE Pins)
Logic Level, Output: L
4mA Sink
0.3
V
Logic Level, Output: H
No Internal Pull-Up
OUTPUTS (PWM and PWM Pins)
Push-Pull Type
Logic Level L
4mA Sink
0.2
V
Logic Level H
4mA Source
(VDD) − 0.4
V
POWER SUPPLY
Specified Voltage Range
VDD
4.5
5
5.5
V
Power-On Reset Threshold
VRST
1.8
V
Quiescent Current [I(VDD1) + I(VDD2)]
IQ
ICOMP = 0mA, Sensor Not Connected
6.8
mA
Brownout Voltage Level(2)
4
V
Brownout Indication Delay
135
µs
TEMPERATURE RANGE
Specified Range
TJ
−40
+125
°C
Operating Range
TJ
−50
+150
°C
Package Thermal Resistance
QFN Surface-Mount
qJA
See Note 6
40
°C/W
SO PowerPAD Surface-Mount
qJA
See Note 6
27
°C/W
(1) Parameter value referred to output (RTO).
(2) See Typical Characteristic curves.
(3) Total input resistance and comparator threshold current are inversely related. See Figure 2a.
(4) For VAC sensors, 0.2% of PWM offset approximately corresponds to 10mA primary current offset per winding.
(5) See Compensation Driver section in Applications Information.
(6) See Applications Information section for information on power dissipation, layout considerations, and proper PCB soldering and heat-sinking technique.


Similar Part No. - DRV401AIRGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401AIRGWR TI1-DRV401AIRGWR Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401AIRGWRG4 TI1-DRV401AIRGWRG4 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Similar Description - DRV401AIRGWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com