Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV401AIDWPR Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DRV401AIDWPR
Description  Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DRV401AIDWPR Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button DRV401AIDWPR Datasheet HTML 4Page - Burr-Brown (TI) DRV401AIDWPR Datasheet HTML 5Page - Burr-Brown (TI) DRV401AIDWPR Datasheet HTML 6Page - Burr-Brown (TI) DRV401AIDWPR Datasheet HTML 7Page - Burr-Brown (TI) DRV401AIDWPR Datasheet HTML 8Page - Burr-Brown (TI) DRV401AIDWPR Datasheet HTML 9Page - Burr-Brown (TI) DRV401AIDWPR Datasheet HTML 10Page - Burr-Brown (TI) DRV401AIDWPR Datasheet HTML 11Page - Burr-Brown (TI) DRV401AIDWPR Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
DRV401
SBVS070A − JUNE 2006 − REVISED OCTOBER 2006
www.ti.com
8
TYPICAL CHARACTERISTICS (Continued)
At TA = +25°C and VDD1 = VDD2 = +5V with external 100kHz filter BW, unless otherwise noted.
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1
µs/div
DIFFERENTIAL AMPLIFIER:
T
A = − 50_ C LARGE−SIGNAL STEP RESPONSE
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1
µs/div
DIFFERENTIAL AMPLIFIER:
T
A =+25_ C LARGE−SIGNAL STEP RESPONSE
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1
µs/div
DIFFERENTIAL AMPLIFIER:
T
A = +150_ C LARGE−SIGNAL STEP RESPONSE
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
−25
−50
0
25
50
75
100
125
150
DIFFERENTIAL AMPLIFIER:
OVER−RANGE DELAY vs TEMPERATURE
Temperature (
_C)
At 5.0V
V
IN Step 0V to ± 1V
Positive Over−Range
Negative Over−Range
7.5
7.4
7.3
7.2
7.1
7.0
6.9
6.8
6.7
6.6
6.5
−25
−50
0
25
50
75
100
125
150
DIFFERENTIAL AMPLIFIER:
POSITIVE SLEW RATE vs TEMPERATURE
Temperature (
_C)
At 5.0V
−6.5
−6.6
−6.7
−6.8
−6.9
−7.0
−7.1
−7.2
−7.3
−7.4
−7.5
−25
−50
0
25
50
75
100
125
150
DIFFERENTIAL AMPLIFIER:
NEGATIVE SLEW RATE vs TEMPERATURE
Temperature (
_C)
At 5.0V


Similar Part No. - DRV401AIDWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401AIDWPR TI1-DRV401AIDWPR Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401AIDWPRG4 TI1-DRV401AIDWPRG4 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results

Similar Description - DRV401AIDWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP Datasheet
868Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411 TI-DRV411 Datasheet
1Mb / 33P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
[Old version datasheet]   Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
[Old version datasheet]   DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
[Old version datasheet]   SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
[Old version datasheet]   Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
[Old version datasheet]   DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com