Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BU1506DX Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. BU1506DX
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 1 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU1506DX
GENERAL DESCRIPTION
Enhanced performance, new generation, high-voltage, high-speed switching npn transistor with an integrated
damper diode in a plastic full-pack envelope intended for use in horizontal deflection circuits of colour television
receivers. Features exceptional tolerance to base drive and collector current load variations resulting in a very low
worst case dissipation.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
700
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
8
A
P
tot
Total power dissipation
T
hs ≤ 25 ˚C
-
32
W
V
CEsat
Collector-emitter saturation voltage
I
C = 3.0 A; IB = 0.79 A
-
5.0
V
I
Csat
Collector saturation current
3.0
-
A
V
F
Diode forward voltage
I
F = 3.0 A
1.6
2.0
V
t
f
Fall time
I
CM = 3.0 A; IB(end) = 0.67 A
0.25
0.5
µs
PINNING - SOT186A
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
base
2
collector
3
emitter
case isolated
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134)
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0 V
-
1500
V
V
CEO
Collector-emitter voltage (open base)
-
700
V
I
C
Collector current (DC)
-
5
A
I
CM
Collector current peak value
-
8
A
I
B
Base current (DC)
-
3
A
I
BM
Base current peak value
-
8
A
-I
B(AV)
Reverse base current
average over any 20 ms period
-
100
mA
-I
BM
Reverse base current peak value
1
-8
A
P
tot
Total power dissipation
T
hs
25 ˚C
-
32
W
T
stg
Storage temperature
-40
150
˚C
T
j
Junction temperature
-
150
˚C
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
R
th j-hs
Junction to heatsink
with heatsink compound
-
4.0
K/W
R
th j-a
Junction to ambient
in free air
55
-
K/W
12 3
case
b
c
e
Rbe
1 Turn-off current.
September 1997
1
Rev 1.300




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU1507AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2508AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2520DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2525DWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2720AFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4506AFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4508DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4525AWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU508AFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BUJ105AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl