Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BU1506DX Datasheet(PDF) 6 Page - NXP Semiconductors

Part No. BU1506DX
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU1506DX
MECHANICAL DATA
Dimensions in mm
Net Mass: 2 g
Fig.14. SOT186A; The seating plane is electrically isolated from all terminals.
Notes
1. Refer to mounting instructions for F-pack envelopes.
2. Epoxy meets UL94 V0 at 1/8".
10.3
max
3.2
3.0
4.6
max
2.9 max
2.8
seating
plane
6.4
15.8
max
0.6
2.5
2.54
5.08
12
3
3 max.
not tinned
3
0.5
2.5
0.9
0.7
M
0.4
15.8
max.
19
max.
13.5
min.
Recesses (2x)
2.5
0.8 max. depth
1.0 (2x)
1.3
September 1997
6
Rev 1.300




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU1507AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2508AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2520DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2525DWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2720AFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4506AFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4508DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4525AWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU508AFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BUJ105AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl