Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


BU1506DX Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. BU1506DX
Description  Silicon Diffused Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

   
 5 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU1506DX
Fig.12. Forward bias safe operating area. T
hs = 25˚C
I
Region of permissible DC operation.
II
Extension for repetitive pulse operation.
NB:
Mounted with heatsink compound and
30
± 5 newton force on the centre of
the envelope.
Fig.13. Forward bias safe operating area. T
hs = 25˚C
I
Region of permissible DC operation.
II
Extension for repetitive pulse operation.
NB:
Mounted without heatsink compound and
30
± 5 newton force on the centre of
the envelope.
1
100
100
10
1
0.1
0.01
10
1000
I
tp =
10 us
100 us
1 ms
10 ms
DC
IC / A
VCE / V
ICM max
IC max
Ptot max
= 0.01
II
1
100
100
10
1
0.1
0.01
10
1000
I
tp =
10 us
100 us
1 ms
10 ms
DC
IC / A
VCE / V
ICM max
IC max
II
= 0.01
Ptot max
September 1997
5
Rev 1.300




Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BU1507AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2508AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2520DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2525DWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU2720AFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4506AFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4508DXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU4525AWSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BU508AFSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors
BUJ105AXSilicon Diffused Power Transistor 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl