Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTL8029AS Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RTL8029AS
Description  Realtek PCI Full-Duplex Ethernet Controller with built-in SRAM
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RTL8029AS Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RTL8029AS Datasheet HTML 1Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 2Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 3Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 4Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 5Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 6Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 7Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 8Page - List of Unclassifed Manufacturers RTL8029AS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
LS009.0
1997.01.16
RTL8029AS Preliminary
3
Command: Command Register (05-04H; Type=R except Bit1, 0=R/W)...............................................................................22
Status: Status Register (07-06H; Type=R)...........................................................................................................................22
PIFR: Programming InterFace Register (09H; Type=R) .......................................................................................................23
SCR: Sub-Class Register (0AH; Type=R) ...........................................................................................................................23
BCR: Base-Class Register (0BH; Type=R)..........................................................................................................................23
HTR: Header Type Register (0EH; Type=R) .......................................................................................................................23
LTR: Latency Timer Register (0DH; Type=R).....................................................................................................................23
BAR: Base Address Register (13-10H; Type=R/W except Bit4-0=R) ..................................................................................23
SVID: Subsystem Vendor ID Register (2C-2DH; Type=R).................................................................................. 23
SID: Subsystem ID Register (2E-2FH; Type=R)................................................................................................. 24
BROMBAR: Boot ROM Base Address Register (33-30H; Type=R/W except Bit12-1=R)....................................................24
ILR: Interrupt Line Register (3CH; Type=R/W) ..................................................................................................................24
IPR: Interrupt Pin Register (3DH; Type=R).........................................................................................................................24
6. FUNCTION DESCRIPTION............................................................................................................................... 25
6.1. RTL8029AS CONFIGURATION PROCESS ............................................................................................................... 25
6.2. 9346 CONTENTS .................................................................................................................................................. 26
6.2.1 Detail values of 9346 CONFIG2-3 & 8029ASID0-1 bytes ..........................................................................................26
6.2.2 ID PROM Contents....................................................................................................................................................27
6.3. LOCAL MEMORY BUS CONTROL ........................................................................................................................... 28
6.4. FLOW CONTROL.................................................................................................................................... 28
6.4.1. Control Frame Transmission ........................................................................................................ 28
6.4.2. Control Frame Reception ............................................................................................................. 28
6.5. LED BEHAVIORS ................................................................................................................................................. 29
6.5.1 LED_TX: Tx LED .....................................................................................................................................................29
6.5.2 LED_RX: Rx LED .....................................................................................................................................................29
6.5.3 LED_CRS=LED_TX+LED_RX: Carrier Sense LED ..................................................................................................30
6.5.4 LED_COL: Collision LED .........................................................................................................................................30
6.5.5 LED Output States in Power Down Modes.................................................................................................................31
6.6. LOOPBACK DIAGNOSTIC OPERATION..................................................................................................................... 31
6.6.1. Loopback operation..................................................................................................................................... 31
(1) CRC enabled (CRC bit in TCR=0) ................................................................................................................................32
(2) CRC disabled (CRC bit in TCR=1) ...............................................................................................................................32
6.6.2. To Implement Loopback Test ....................................................................................................................... 32
(1) To verify the integrity of data path.................................................................................................................................32
(2) To verify CRC logic ......................................................................................................................................................32
(3) To verify the address recognition function .....................................................................................................................33
(4) To Test Cable Connection .............................................................................................................................................33
7. ELECTRICAL SPECIFICATIONS AND TIMINGS......................................................................................... 35
7.1. ABSOLUTE MAXIMUM RATINGS ............................................................................................................................ 35
7.2. D.C. CHARACTERISTICS (TC=0 ¢J TO 70 ¢J, VCC=5V+5%) .................................................................................. 35
7.3. A.C. TIMING CHARACTERISTICS........................................................................................................................... 35
7.3.1. PCI Configuration Read/Write .................................................................................................................... 35
7.3.1.1. Configuration Read ................................................................................................................................................36
7.3.1.2. Configuration Write ...............................................................................................................................................36
7.3.2. PCI I/O Read/Write ..................................................................................................................................... 37
7.3.2.1. PCI I/O Read .........................................................................................................................................................37
7.3.2.2. PCI I/O Write.........................................................................................................................................................37
7.3.4. Output Timing for PCI Interface.................................................................................................................. 38
7.3.5. Input Timing for PCI Interface .................................................................................................................... 38
7.3.6. Serial EEPROM (9346) Auto-load................................................................................................. ............ 39


Similar Part No. - RTL8029AS

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
RTL8029AS PULSE-RTL8029AS Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - RTL8029AS

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8019AS REALTEK-RTL8019AS Datasheet
642Kb / 51P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function
logo
List of Unclassifed Man...
RTL8019AS ETC1-RTL8019AS Datasheet
981Kb / 50P
   Realtek Full-Duplex Ethernet Controller with Plug and Play Function (RealPNP)
logo
SMSC Corporation
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
   Non-PCI Single-Chip Full Duplex Ethernet Controller
LAN91C96 SMSC-LAN91C96 Datasheet
775Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96 SMSC-LAN91C96_07 Datasheet
631Kb / 125P
   Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
logo
Realtek Semiconductor C...
H05U09S REALTEK-H05U09S Datasheet
52Kb / 1P
   Realtek GTS PCI Ethernet Card
logo
SMSC Corporation
LAN91C100FD SMSC-LAN91C100FD_06 Datasheet
354Kb / 67P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FD SMSC-LAN91C100FD_08 Datasheet
501Kb / 77P
   FEAST Fast Ethernet Controller with Full Duplex Capability
LAN91C100FDREVD SMSC-LAN91C100FDREVD Datasheet
585Kb / 79P
   FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
LAN91C100FD_0601 SMSC-LAN91C100FD_0601 Datasheet
456Kb / 78P
   FEAST Fast Ethernet Controller with Full Duplex Capability
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com