Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90F367 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90F367
Description  16-bit Proprietary Microcontroller
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F367 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90F367 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F367 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F367 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F367 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F367 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F367 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F367 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F367 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F367 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 59 page
background image
MB90360 Series
3
(Continued)
• Timer
• Timebase timer, watch timer (device without S-suffix) , watchdog timer : 1 channel
• 8/16-bit PPG timer : 8-bit
× 2 channels or 16-bit × 2 channels
• 16-bit reload timer : 2 channels
• 16- bit input/output timer
- 16-bit free run timer : 1 channel (FRT0 : ICU 0/1/2/3)
- 16- bit input capture : (ICU) : 4 channels
• Full-CAN interface : up to 1 channel
• Compliant with Ver 2.0A and Ver 2.0B CAN specifications
• Flexible message buffering (mailbox and FIFO buffering can be mixed)
• CAN wake-up function
• UART (LIN/SCI) : up to 2 channels
• Equipped with full-duplex double buffer
• Clock-asynchronous or clock-synchronous serial transmission is available
• DTP/External interrupt : up to 8 channels, CAN wakeup : up to 1 channel
• Module for activation of expanded intelligent I/O service (EI2OS) and generation of external interrupt by external
input.
• Delay interrupt generator module
• Generates interrupt request for task switching.
• 8/10-bit A/D converter : 16 channels
• Resolution is selectable between 8-bit and 10-bit.
• Activation by external trigger input is allowed.
• Conversion time : 3
µs (at 24-MHz machine clock, including sampling time)
• Program patch function
• Address matching detection for 6 address pointers.
• Low voltage/CPU operation detection reset (devices with T-suffix)
• Detects low voltage (4.0 V
± 0.3 V) and resets automatically
• Resets automatically when program is runaway and counter is not cleared within interval time
(approx. 262 ms : external 4 MHz)
• Capable of changing input voltage for port
• Automotive/CMOS-Schmitt (initial level is Automotive in single-chip mode)
• FLASH memory security function
• Protects the content of FLASH memory (FLASH memory device only)


Similar Part No. - MB90F367

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F367E FUJITSU-MB90F367E Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
MB90F367E FUJITSU-MB90F367E Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90F367EPMT FUJITSU-MB90F367EPMT Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
MB90F367EPMT FUJITSU-MB90F367EPMT Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90F367ES FUJITSU-MB90F367ES Datasheet
675Kb / 60P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F367

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com