Electronic Components Datasheet Search |
|
MB90F362S Datasheet(PDF) 3 Page - Fujitsu Component Limited. |
|
MB90F362S Datasheet(HTML) 3 Page - Fujitsu Component Limited. |
3 / 59 page MB90360 Series 3 (Continued) • Timer • Timebase timer, watch timer (device without S-suffix) , watchdog timer : 1 channel • 8/16-bit PPG timer : 8-bit × 2 channels or 16-bit × 2 channels • 16-bit reload timer : 2 channels • 16- bit input/output timer - 16-bit free run timer : 1 channel (FRT0 : ICU 0/1/2/3) - 16- bit input capture : (ICU) : 4 channels • Full-CAN interface : up to 1 channel • Compliant with Ver 2.0A and Ver 2.0B CAN specifications • Flexible message buffering (mailbox and FIFO buffering can be mixed) • CAN wake-up function • UART (LIN/SCI) : up to 2 channels • Equipped with full-duplex double buffer • Clock-asynchronous or clock-synchronous serial transmission is available • DTP/External interrupt : up to 8 channels, CAN wakeup : up to 1 channel • Module for activation of expanded intelligent I/O service (EI2OS) and generation of external interrupt by external input. • Delay interrupt generator module • Generates interrupt request for task switching. • 8/10-bit A/D converter : 16 channels • Resolution is selectable between 8-bit and 10-bit. • Activation by external trigger input is allowed. • Conversion time : 3 µs (at 24-MHz machine clock, including sampling time) • Program patch function • Address matching detection for 6 address pointers. • Low voltage/CPU operation detection reset (devices with T-suffix) • Detects low voltage (4.0 V ± 0.3 V) and resets automatically • Resets automatically when program is runaway and counter is not cleared within interval time (approx. 262 ms : external 4 MHz) • Capable of changing input voltage for port • Automotive/CMOS-Schmitt (initial level is Automotive in single-chip mode) • FLASH memory security function • Protects the content of FLASH memory (FLASH memory device only) |
Similar Part No. - MB90F362S |
|
Similar Description - MB90F362S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |