Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TO353 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # TO353
Description  2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TO353 Datasheet(HTML) 5 Page - ATMEL Corporation

  TO353 Datasheet HTML 1Page - ATMEL Corporation TO353 Datasheet HTML 2Page - ATMEL Corporation TO353 Datasheet HTML 3Page - ATMEL Corporation TO353 Datasheet HTML 4Page - ATMEL Corporation TO353 Datasheet HTML 5Page - ATMEL Corporation TO353 Datasheet HTML 6Page - ATMEL Corporation TO353 Datasheet HTML 7Page - ATMEL Corporation TO353 Datasheet HTML 8Page - ATMEL Corporation TO353 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
T0353
4559AS–CDMA–10/02
Absolute Maximum Ratings
Parameters
Symbol
Value
Unit
Supply voltages, no RF applied
V
CC
-0.5 to +4.0
V
Logic control voltages
V
CTRL
-0.5 to +4.0
V
Supply current
I
CC
50.0
mA
RF and LO input signals
P
LO ; CLO; CLNA_IN;
PLNA_IN; GPSLNA_IN;
+5.0
dBm
Storage temperature
T
STG
-55 to +150
°C
Operating case temperature
T
C
-40 to +100
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
TBD
K/W
DC Supply Characteristics
Test conditions: Unless otherwise noted, the following conditions apply to typical performance specification under static
conditions (no RF applied): Vcc = +2.75 V, TA = 25°C.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
All Modes
Supply voltage
2.7
2.75
3.3
V
Control voltage High
1.7
V
Control voltage Low
0.5
V
LO divider supply
current
I_CC LO/2 = High -
I_CC LO/2 = Low
1.7
mA
Cell LO Tx buffer
current
BUFFEN = High
6.0
mA
PCS LO Tx buffer
current
BUFFEN = High
8.5
mA
Logic-High current
100
µA
Logic-Low current
-5.0
µA
Power-down supply
current
Band_SEL, Gain, LIN
= Low
10
µA
*) Type means: A =100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Similar Part No. - TO353

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
TO3A4-H850-180 ROITHNER-TO3A4-H850-180 Datasheet
106Kb / 1P
   HIGH POWER LED
TO3A4-H880-180 ROITHNER-TO3A4-H880-180 Datasheet
106Kb / 1P
   HIGH POWER LED
TO3A4-H940-180 ROITHNER-TO3A4-H940-180 Datasheet
106Kb / 1P
   HIGH POWER LED
TO3A4-HB-180 ROITHNER-TO3A4-HB-180 Datasheet
106Kb / 1P
   HIGH POWER LED
TO3A4-HG-180 ROITHNER-TO3A4-HG-180 Datasheet
106Kb / 1P
   HIGH POWER LED
More results

Similar Description - TO353

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2498 RFMD-RF2498_07 Datasheet
682Kb / 20P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
   CDMA/AMPS Dual Band RF Receiver
logo
RF Micro Devices
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
logo
Zarlink Semiconductor I...
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
   CDMA/AMPS Dual Band and RF Receiver
logo
Skyworks Solutions Inc.
SKY74693 SKYWORKS-SKY74693 Datasheet
58Kb / 2P
   Receiver for CDMA, AMPS, PCS, and GPS Mobile Handset Applications
logo
Mitel Networks Corporat...
SATURN MITEL-SATURN Datasheet
114Kb / 9P
   CDMA/AMPS dual Band IF Receiver for Digital Phones
logo
Zarlink Semiconductor I...
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
   Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
Skyworks Solutions Inc.
SKY74076 SKYWORKS-SKY74076 Datasheet
57Kb / 2P
   Receiver for Dual-Band CDMA and GPS Mobile Handset Applications
logo
TriQuint Semiconductor
TQM7M9053 TRIQUINT-TQM7M9053_15 Datasheet
213Kb / 1P
   Quad band GSM-EDGE and Tri-Band W/CDMA/HSPA/LTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com