Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TO353 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # TO353
Description  2.8 V Tri-band/ Quad-mode RF Receiver for CDMA/AMPS/ GPS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TO353 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button TO353 Datasheet HTML 3Page - ATMEL Corporation TO353 Datasheet HTML 4Page - ATMEL Corporation TO353 Datasheet HTML 5Page - ATMEL Corporation TO353 Datasheet HTML 6Page - ATMEL Corporation TO353 Datasheet HTML 7Page - ATMEL Corporation TO353 Datasheet HTML 8Page - ATMEL Corporation TO353 Datasheet HTML 9Page - ATMEL Corporation TO353 Datasheet HTML 10Page - ATMEL Corporation TO353 Datasheet HTML 11Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
T0353
4559AS–CDMA–10/02
Cascade RF Electrical Characteristics (Cellular Band)
Test conditions: Unless otherwise noted, the following conditions apply to typical performance specification under static
conditions: VCC = +2.75 V, TA = 25°C, RF = 881.5 MHz, LO = 2130 MHz, IF = 183.6 MHz, LO input = -5.0 dBm, RF input =
-35 dBm (High-gain mode), LO/2 = Low, In case of activated LO/2 divider the current consumption increases by 2 mA. In a
cascaded configuration Gain and IP3 values are also influenced by the SAW filter. No correction has been made for filter
loss (1.6 dB) and interstage board trace losses.
No.
Parameters
Test Conditions
Pin
Symbol
Min.
Typ.
Max.
Unit
Type*
Combined LNA and Mixer Performance, CDMA Modulation
High-Gain High-Linearity Mode (HGHL)
Gain
Band_SEL = High;
Gain = High; LIN =
High
G26
dB
Noise figure
NF
2.1
dB
Input IP3
IIP3
-3.9
dBm
Supply current
I
CC
30
mA
High-Gain Low-Linearity Mode (HGLL Paging Mode)
Gain
Band_SEL = High;
Gain = High; LIN =
Low
G25
dB
Noise figure
NF
2.1
dB
Input IP3
IIP3
-7.2
dBm
Supply current
I
CC
23
mA
Low-Gain Mode (LG)
Gain
Band_SEL = High;
Gain = Low; LIN =
Low
G8.5
dB
Noise figure
NF
12.0
dB
Input IP3
IIP3
14
dBm
Supply current
Icc
28.5
mA
Combined LNA and Mixer Performance, AMPS Modulation
Gain
Band_SEL = High;
Gain = Low; LIN =
Low
G24
dB
Noise figure
NF
2.5
dB
Input IP3
IIP3
-10
dBm
Supply current
Icc
23
mA
*) Type means: A = 100% tested, B = 100% correlation tested, C = Characterized on samples, D = Design parameter


Similar Part No. - TO353

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
TO3A4-H850-180 ROITHNER-TO3A4-H850-180 Datasheet
106Kb / 1P
   HIGH POWER LED
TO3A4-H880-180 ROITHNER-TO3A4-H880-180 Datasheet
106Kb / 1P
   HIGH POWER LED
TO3A4-H940-180 ROITHNER-TO3A4-H940-180 Datasheet
106Kb / 1P
   HIGH POWER LED
TO3A4-HB-180 ROITHNER-TO3A4-HB-180 Datasheet
106Kb / 1P
   HIGH POWER LED
TO3A4-HG-180 ROITHNER-TO3A4-HG-180 Datasheet
106Kb / 1P
   HIGH POWER LED
More results

Similar Description - TO353

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2498 RFMD-RF2498_07 Datasheet
682Kb / 20P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
logo
Mitel Networks Corporat...
VENUS-L MITEL-VENUS-L Datasheet
86Kb / 7P
   CDMA/AMPS Dual Band RF Receiver
logo
RF Micro Devices
RF2498 RFMD-RF2498 Datasheet
723Kb / 20P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
RF2498 RFMD-RF2498_1 Datasheet
877Kb / 22P
   TRI-BAND/QUAD-MODE CDMA/GPS LOW NOISE AMPLIFIER/MIXER
logo
Zarlink Semiconductor I...
VENUS-L ZARLINK-VENUS-L Datasheet
291Kb / 8P
   CDMA/AMPS Dual Band and RF Receiver
logo
Skyworks Solutions Inc.
SKY74693 SKYWORKS-SKY74693 Datasheet
58Kb / 2P
   Receiver for CDMA, AMPS, PCS, and GPS Mobile Handset Applications
logo
Mitel Networks Corporat...
SATURN MITEL-SATURN Datasheet
114Kb / 9P
   CDMA/AMPS dual Band IF Receiver for Digital Phones
logo
Zarlink Semiconductor I...
MGCR01 ZARLINK-MGCR01 Datasheet
320Kb / 12P
   Dual Mode IF Receiver for TDMA/AMPS and CDMA/AMPS
logo
Skyworks Solutions Inc.
SKY74076 SKYWORKS-SKY74076 Datasheet
57Kb / 2P
   Receiver for Dual-Band CDMA and GPS Mobile Handset Applications
logo
TriQuint Semiconductor
TQM7M9053 TRIQUINT-TQM7M9053_15 Datasheet
213Kb / 1P
   Quad band GSM-EDGE and Tri-Band W/CDMA/HSPA/LTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com