Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC2260 Datasheet(PDF) 6 Page - NEC

Part # UPC2260
Description  LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2260 Datasheet(HTML) 6 Page - NEC

Back Button UPC2260 Datasheet HTML 2Page - NEC UPC2260 Datasheet HTML 3Page - NEC UPC2260 Datasheet HTML 4Page - NEC UPC2260 Datasheet HTML 5Page - NEC UPC2260 Datasheet HTML 6Page - NEC UPC2260 Datasheet HTML 7Page - NEC UPC2260 Datasheet HTML 8Page - NEC UPC2260 Datasheet HTML 9Page - NEC UPC2260 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet G14901EJ2V0DS00
6
µµµµ PC2260
TYPICAL CHARACTERISTIC (TJ = +25
°°°°C, unless otherwise specified. Nominal)
0
5
10
15
20
25
25
75
100
125
150
50
TA - Operating Ambient Temperature -
°C
PT vs TA
−25
0
25
−100
−60
−80
−40
40
80
−20
20
0
60
100
50
75
125
150
100
TJ - Operating Junction Temperature -
°C
VO vs TJ
VIN = 9 V,
IO = 5 mA
3
4
5
2
1
6
3
2
1
0
46
58
9
710
VIN - Input Voltage - V
VO vs VIN
VIN - Input Voltage - V
IBIAS vs VIN
10
40
20
60
50
30
80
70
100
1k
10k
100k
f - Frequency - Hz
R
R vs f
6.5 V
≤ VIN ≤ 16.5 V
IO = 350 mA
0
40
20
60
70
50
30
80
100
200
300
400
500
IO - Output Current - mA
R
R vs IO
with 10
°C/W heatsink
with infinite heatsink
without heatsink
IO = 5 mA
IO = 350 mA
IO = 500 mA
30
40
50
20
10
60
6
4
2
0
812
10
16
18
14
20
IO = 5 mA
IO = 350 mA
IO = 500 mA
6.5 V
≤ VIN ≤ 16.5 V
f = 120 Hz


Similar Part No. - UPC2260

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC2260 RENESAS-UPC2260 Datasheet
240Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC2260V RENESAS-UPC2260V Datasheet
240Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results

Similar Description - UPC2260

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9071 NSC-LM9071 Datasheet
193Kb / 7P
   Low-Dropout System Voltage Regulator with Delayed Reset
logo
New Japan Radio
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJU7272 NJRC-NJU7272 Datasheet
204Kb / 13P
   Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
NJM2806 NJRC-NJM2806 Datasheet
126Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2801 NJRC-NJM2801 Datasheet
134Kb / 4P
   Low Dropout Voltage Regulator with Reset
NJM2805 NJRC-NJM2805 Datasheet
73Kb / 5P
   Low Dropout Voltage Regulator with Reset
NJM2807 NJRC-NJM2807 Datasheet
81Kb / 5P
   Low Dropout Voltage Regulator with Reset
logo
Sanyo Semicon Device
LA5601 SANYO-LA5601 Datasheet
196Kb / 8P
   Low Dropout Regulator with Reset
logo
ON Semiconductor
NCV4949DW ONSEMI-NCV4949DW Datasheet
123Kb / 12P
   Low Dropout Voltage Regulator with Power-On Reset
November, 2002 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com