Part Name
         Description
KM641001A

 256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range ( 8 Page)


SAMSUNG
100% 
Zoom Out Zoom In
   
 2 page
background image
KM641001A
CMOS SRAM
PRELIMINARY
Rev 5.0
- 2 -
February 1998
256K x 4 Bit (with OE)High-Speed CMOS Static RAM
GENERAL DESCRIPTION
FEATURES
• Fast Access Time 15, 20ns(Max.)
• Low Power Dissipation
Standby (TTL)
: 25mA(Max.)
(CMOS) : 8mA(Max.)
Operating KM641001A - 15 : 125mA(Max.)
KM641001A - 20 : 120mA(Max.)
• Single 5.0V
±10% Power Supply
• TTL Compatible Inputs and Outputs
• I/O Compatible with 3.3V Device
• Fully Static Operation
- No Clock or Refresh required
• Three State Outputs
• Standard Pin Configuration
KM641001AJ : 28-SOJ-400A
PIN FUNCTION
Pin Name
Pin Function
A0 - A17
Address Inputs
WE
Write Enable
CS
Chip Select
OE
Output Enable
I/O1 ~ I/O4
Data Inputs/Outputs
VCC
Power(+5.0V)
VSS
Ground
N.C
No Connection
The KM641001A is a 1,048,576-bit high-speed Static Random
Access Memory organized as 262,144 words by 4 bits. The
KM641001A uses 4 common input and output lines and has an
output enable pin which operates faster than address access
time at read cycle. The device is fabricated using SAMSUNG
′s
advanced CMOS process and designed for high-speed circuit
technology. It is particularly well suited for use in high-density
high-speed system applications. The KM641001A is packaged
in a 400 mil 28-pin plastic SOJ.
PIN CONFIGURATION(Top View)
Clk Gen.
I/O1 ~ I/O4
CS
WE
OE
FUNCTIONAL BLOCK DIAGRAM
Data
Cont.
Column Select
CLK
Gen.
Pre-Charge Circuit
Memory Array
512 Rows
512x4 Columns
I/O Circuit &
SOJ
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Vcc
A17
A16
A15
A14
A13
A12
A11
N.C
I/O4
I/O3
I/O2
I/O1
WE
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
CS
OE
Vss
A0
A11
A13
A15
A17
A1
A12
A14
A16
A2
A3
A4
A5
A6
A7
A8
A9
A10



Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
K6E1004C1B256Kx4 Bit with OE High Speed Static RAM 5V Operating Evolutionary Pin out 1 2 3 4 5 MoreSamsung semiconductor
K6R1004C1A256Kx4 High Speed Static RAM 5V Operating Revolutionary Pin out 1 2 3 4 5 MoreSamsung semiconductor
K6R1004C1B256Kx4 Bit with OE High Speed Static RAM 5.0V Operating Revolutionary Pin out 1 2 3 4 5 MoreSamsung semiconductor
NJL6201R-1HIGH SPEED PIN PHOTO DIODE 1 2 3 4 5 MoreNew Japan Radio
HM6208H65 536-word ´ 4-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
HM628128LP131072-word x 8-bit High Speed CMOS Static RAM 1 2 3 4 5 MoreHitachi Semiconductor
DS90LV049HHigh Temperature 3V LVDS Dual Line Driver and Receiver Pair 1 2 3 4 5 MoreNational Semiconductor
SLA9000FHigh speed high integration gate array 1 2 Epson Company
SSM6N7002FUHigh Speed Switching Applications Analog Switch Applications 1 2 3 4 5 Toshiba Semiconductor
DP83848JPHYTER® Mini LS Commercial Temperature Single Port 10/100 Ethernet Transceiver 1 2 3 4 5 MoreNational Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl