Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3497 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SK3497
Description  High Power Amplifier Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3497 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SK3497 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3497 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3497 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SK3497
2003-07-16
2
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±12 V, VDS = 0 V
10
µA
Drain cut−off current
IDSS
VDS = 180V, VGS = 0 V
100
µA
Drain−source breakdown
voltage
V (BR) DSS
ID = 10 mA, VGS = 0 V
180
V
Gate threshold voltage
Vth
VDS = 10 V, ID = 1 mA
1.1
2.1
V
Drain−source saturation voltage
VDS (ON)
VGS = 7 V, ID = 5 A
0.75
V
Forward transfer admittance
|Yfs|
VDS = 10 V, ID = 5 A
6.0
12.0
S
Input capacitance
Ciss
2400
Reverse transfer capacitance
Crss
220
Output capacitance
Coss
VDS = 30 V, VGS = 0 V, f = 1 MHz
30
pF
This transistor is an electrostatic sensitive device. Please handle with caution.
Marking
Lot Number
TYPE
K3497
Month (Starting from Alphabet A)
Year (Last Number of the Christian Era)
TOSHIBA


Similar Part No. - 2SK3497

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3497 TOSHIBA-2SK3497 Datasheet
114Kb / 3P
   Silicon N Channel MOS Type High Power Amplifier Application
2SK3497 TOSHIBA-2SK3497 Datasheet
157Kb / 5P
   High Power Amplifier Application
2SK3497 TOSHIBA-2SK3497 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3497 ISC-2SK3497 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3497 TOSHIBA-2SK3497_06 Datasheet
114Kb / 3P
   Silicon N Channel MOS Type High Power Amplifier Application
More results

Similar Description - 2SK3497

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3497 TOSHIBA-2SK3497_09 Datasheet
157Kb / 5P
   High Power Amplifier Application
2SK1530Y TOSHIBA-2SK1530Y Datasheet
372Kb / 4P
   High-Power Amplifier Application
2SJ200 TOSHIBA-2SJ200_07 Datasheet
426Kb / 5P
   High Power Amplifier Application
2SK1530 TOSHIBA-2SK1530_09 Datasheet
388Kb / 4P
   High-Power Amplifier Application
2SJ201-Y TOSHIBA-2SJ201-Y Datasheet
269Kb / 5P
   High-Power Amplifier Application
2SK1530O TOSHIBA-2SK1530O Datasheet
372Kb / 4P
   High-Power Amplifier Application
logo
Unisonic Technologies
2SD718 UTC-2SD718 Datasheet
108Kb / 3P
   HIGH POWER AMPLIFIER APPLICATION
logo
Toshiba Semiconductor
2SK1530-Y TOSHIBA-2SK1530-Y Datasheet
372Kb / 4P
   High-Power Amplifier Application
2SK1530-YF TOSHIBA-2SK1530-YF Datasheet
372Kb / 4P
   High-Power Amplifier Application
2SK1529 TOSHIBA-2SK1529_09 Datasheet
274Kb / 4P
   High-Power Amplifier Application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com