Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3078 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3078
Description  900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3078 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3078 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3078 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3078 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK3078
2001-02-02 1/3
TOSHIBA FIELD EFFECT TRANSISTOR SILICON N CHANNEL MOS TYPE
2SK3078
900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
Output Power
: PO = 27.0 dBmW (Min.)
Gain
: GP = 12.5 dB (Min.)
Drain Efficiency
: ηD = 46% (Typ.)
MAXIMUM RATINGS (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
10
V
Gate-Source Voltage
VGSS
5
V
Drain Current
ID
0.5
A
Power Dissipation
PD*
3.0
W
Channel Temperature
Tch
150
°C
Storage Temperature Range
Tstg
−45~150
°C
*:
Tc = 25°C When mounted on a 1.6 mm glass epoxy PCB
MARKING
Unit: mm
JEDEC
EIAJ
SC−62
TOSHIBA
2−5K1D
• TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general
can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the
buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and
to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or
damage to property.
In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the
most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling
Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
• The TOSHIBA products listed in this document are intended for usage in general electronics applications (computer, personal
equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These TOSHIBA products are
neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or
failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy
control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control
instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of TOSHIBA products listed in this document
shall be made at the customer’s own risk.
• The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by
TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its
use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or
others.
• The information contained herein is subject to change without notice.
000707EAA1


Similar Part No. - 2SK3078

ManufacturerPart #DatasheetDescription
logo
eleflow technologies co...
2SK3078 ELEFLOW-2SK3078 Datasheet
73Kb / 1P
   900MHz band amplifier applications.(GSM)
logo
Toshiba Semiconductor
2SK3078A TOSHIBA-2SK3078A Datasheet
121Kb / 5P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
2SK3078A TOSHIBA-2SK3078A Datasheet
131Kb / 5P
   Silicon N Channel MOS Type VHF/UHF Band Amplifier Applications
2SK3078A TOSHIBA-2SK3078A Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3078A TOSHIBA-2SK3078A_07 Datasheet
131Kb / 5P
   Silicon N Channel MOS Type VHF/UHF Band Amplifier Applications
More results

Similar Description - 2SK3078

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3077 TOSHIBA-2SK3077 Datasheet
111Kb / 4P
   900 MHz BAND AMPLIFIER APPLICATIONS
2SK3077 TOSHIBA-2SK3077_07 Datasheet
151Kb / 4P
   SILICON N CHANNEL MOS TYPE 900 MHz BAND AMPLIFIER APPLICATIONS (GSM)
logo
WALSIN TECHNOLOGY CORPO...
RFBLN16080G9D3T WALSIN-RFBLN16080G9D3T Datasheet
633Kb / 7P
   900 MHz GSM Band RF Application
RFLPF10050G9D3T WALSIN-RFLPF10050G9D3T Datasheet
748Kb / 7P
   850/900 MHz GSM Band Working Frequency
RFLPF06050G9D0T WALSIN-RFLPF06050G9D0T Datasheet
602Kb / 7P
   850/900 MHz GSM Band RF Application
RFLPF10050G9D0T WALSIN-RFLPF10050G9D0T Datasheet
529Kb / 7P
   850/900 MHz GSM Band RF Application
RFLPF10050G9D4T WALSIN-RFLPF10050G9D4T Datasheet
755Kb / 7P
   850/900 MHz GSM Band Working Frequency
RFLPF10050G9D58Q1C WALSIN-RFLPF10050G9D58Q1C Datasheet
557Kb / 7P
   850/900 MHz GSM Band RF Application
RFLPF06050G9D08Q1C WALSIN-RFLPF06050G9D08Q1C Datasheet
556Kb / 7P
   850/900 MHz GSM Band Working Frequency
RFLPF10050G9D48Q1C WALSIN-RFLPF10050G9D48Q1C Datasheet
626Kb / 7P
   850/900 MHz GSM Band Working Frequency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com