Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLSI1016E100LJI Datasheet(PDF) 11 Page - Lattice Semiconductor

Part # PLSI1016E100LJI
Description  High-Density Programmable Logic
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

PLSI1016E100LJI Datasheet(HTML) 11 Page - Lattice Semiconductor

Back Button PLSI1016E100LJI Datasheet HTML 7Page - Lattice Semiconductor PLSI1016E100LJI Datasheet HTML 8Page - Lattice Semiconductor PLSI1016E100LJI Datasheet HTML 9Page - Lattice Semiconductor PLSI1016E100LJI Datasheet HTML 10Page - Lattice Semiconductor PLSI1016E100LJI Datasheet HTML 11Page - Lattice Semiconductor PLSI1016E100LJI Datasheet HTML 12Page - Lattice Semiconductor PLSI1016E100LJI Datasheet HTML 13Page - Lattice Semiconductor PLSI1016E100LJI Datasheet HTML 14Page - Lattice Semiconductor PLSI1016E100LJI Datasheet HTML 15Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
1996 ISP Encyclopedia
Specifications ispLSI and pLSI 1016E
ispLSI 1016E Shift Register Layout
E2CMOS Cell Array
High Order Shift Register
Low Order Shift Register
79...
159...
...0
...80
D
A
T
A
D
A
T
A
Data In
(SDI)
SDO
109
.
.
.
.
.
.
0
SDO
SDI
0182B-16
Note: A logic “1” in the Address Shift Register bit position enables the row for programming or verification.
A logic “0” disables it.


Similar Part No. - PLSI1016E100LJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
PLSI1032-60LG/883 LATTICE-PLSI1032-60LG/883 Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-60LJ LATTICE-PLSI1032-60LJ Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-60LJI LATTICE-PLSI1032-60LJI Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-60LT LATTICE-PLSI1032-60LT Datasheet
256Kb / 19P
   High-Density Programmable Logic
PLSI1032-80LJ LATTICE-PLSI1032-80LJ Datasheet
256Kb / 19P
   High-Density Programmable Logic
More results

Similar Description - PLSI1016E100LJI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
3256 LATTICE-3256 Datasheet
1Mb / 18P
   High Density Programmable Logic
1032E1111 LATTICE-1032E1111 Datasheet
212Kb / 16P
   High-Density Programmable Logic
ISP1048E LATTICE-ISP1048E Datasheet
158Kb / 16P
   High-Density Programmable Logic
10321111 LATTICE-10321111 Datasheet
256Kb / 19P
   High-Density Programmable Logic
ISP1032E LATTICE-ISP1032E Datasheet
301Kb / 17P
   High-Density Programmable Logic
ISPLSI3192 LATTICE-ISPLSI3192 Datasheet
156Kb / 15P
   High Density Programmable Logic
ISPLSI2064V LATTICE-ISPLSI2064V Datasheet
179Kb / 14P
   3.3V High Density Programmable Logic
ISPLSI2128V LATTICE-ISPLSI2128V Datasheet
151Kb / 15P
   3.3V High Density Programmable Logic
logo
Advanced Micro Devices
MACH220-10 AMD-MACH220-10 Datasheet
213Kb / 33P
   High-Density EE CMOS Programmable Logic
MACH210A-7 AMD-MACH210A-7 Datasheet
301Kb / 51P
   High-Density EE CMOS Programmable Logic
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com