Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE56632-45D Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NE56632-45D
Description  Active-LOW system reset with adjustable delay time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE56632-45D Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NE56632-45D Datasheet HTML 2Page - NXP Semiconductors NE56632-45D Datasheet HTML 3Page - NXP Semiconductors NE56632-45D Datasheet HTML 4Page - NXP Semiconductors NE56632-45D Datasheet HTML 5Page - NXP Semiconductors NE56632-45D Datasheet HTML 6Page - NXP Semiconductors NE56632-45D Datasheet HTML 7Page - NXP Semiconductors NE56632-45D Datasheet HTML 8Page - NXP Semiconductors NE56632-45D Datasheet HTML 9Page - NXP Semiconductors NE56632-45D Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Philips Semiconductors
Product data
NE56632-XX
Active-LOW system reset with adjustable delay time
2002 Mar 25
6
TYPICAL PERFORMANCE CURVES, NE56632-20
(continued)
SL01626
AMBIENT TEMPERATURE, Tamb (°C)
–40
–20
0
20
40
60
80
100
25
27
29
31
33
35
37
Test Circuit 1
VCC1 = VS(min) – 0.05 V
VCC2 = 0.4 V
VO = 0.4 V
RL = 0 Ω
S2 = ON
Figure 9. Output current (ON time 1) versus temperature.
SL01627
AMBIENT TEMPERATURE, Tamb (°C)
–40
–20
0
20
40
60
80
100
40
50
60
70
80
90
100
Test Circuit 2
CL = 100 pF
RL = 4.7 kΩ
CD = 10 nF
VCC = (VS(typ) – 0.4 V) to (VS(typ)+ 0.4 V)
tPLH = Release Delay Time
Figure 10. LOW-to-HIGH delay time versus temperature.
SL01628
AMBIENT TEMPERATURE, Tamb (°C)
–40
–20
0
20
40
60
80
100
80
85
90
95
100
105
110
115
120
Test Circuit 2
CL = 100 pF
RL = 4.7 kΩ
CD = 10 nF
VCC = (VS(typ) + 0.4 V) to (VS(typ)– 0.4 V)
tPHL = Assertion Delay Time
Figure 11. HIGH-to-LOW delay time versus temperature.


Similar Part No. - NE56632-45D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56631-19 PHILIPS-NE56631-19 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-19D PHILIPS-NE56631-19D Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-20 PHILIPS-NE56631-20 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-20D PHILIPS-NE56631-20D Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-27 PHILIPS-NE56631-27 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
More results

Similar Description - NE56632-45D

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
   System Reset with Delay Time Circuit
logo
Fitipower Integrated Te...
FP6801 FITIPOWER-FP6801 Datasheet
499Kb / 9P
   Microprocessor Reset Circuits With Adjustable Delay Time
logo
Mitsumi Electronics, Co...
IC-PST83XX MITSUMI-IC-PST83XX Datasheet
195Kb / 20P
   CMOS System Reset IC with Delay Time Circuit
logo
NXP Semiconductors
NE56631-XX PHILIPS-NE56631-XX Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
logo
Texas Instruments
TLV840 TI-TLV840_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Texas Instruments
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com