Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE56632-28D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NE56632-28D
Description  Active-LOW system reset with adjustable delay time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE56632-28D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NE56632-28D Datasheet HTML 5Page - NXP Semiconductors NE56632-28D Datasheet HTML 6Page - NXP Semiconductors NE56632-28D Datasheet HTML 7Page - NXP Semiconductors NE56632-28D Datasheet HTML 8Page - NXP Semiconductors NE56632-28D Datasheet HTML 9Page - NXP Semiconductors NE56632-28D Datasheet HTML 10Page - NXP Semiconductors NE56632-28D Datasheet HTML 11Page - NXP Semiconductors NE56632-28D Datasheet HTML 12Page - NXP Semiconductors NE56632-28D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Philips Semiconductors
Product data
NE56632-XX
Active-LOW system reset with adjustable delay time
2002 Mar 25
9
TECHNICAL DISCUSSION
The NE56632-XX is a bipolar IC designed to provide power source
monitoring and a system reset function in the event the power sags
below an acceptable level for the system to operate reliably. The
reset threshold incorporates a typical hysteresis of 50 mV to prevent
erratic reasserts from being generated. An internal delay time circuit
provides a adjustable power-on reset delay of typically 200
µs to
200 ms using an external capacitor.
The output of the NE56632-XX utilizes an open collector topology,
which requires an external pull-up resistor to VCC. Though this may
be regarded as a disadvantage, it is advantageous in many
sensitive applications. Because the open collector output cannot
source reset current when both are operated from a common supply,
the NE56632-XX offers a safe interconnect to a wide variety of
microprocessors.
The NE56632-XX operates at low supply currents, typically 3
µA,
while offering precision threshold detection (
±1.5%).
Figure 22 is a functional block diagram of the NE56632-XX. The
internal reference source voltage, VREF, is typically 0.65 V over the
temperature range. The reference voltage is connected to the
non-inverting inputs of the threshold Comparator 1 and
Comparator 2, while the inverting input of Comparator 1 monitors
the supply voltage through a voltage divider (R1 and R2). The output
of the comparator drives the series base resistor, R3 of a common
emitter amplifier, Q1. The collector of Q1 is connected to the
inverting terminal of Comparator 2. The output of Comparator 2 is
connected to the series base resistor, R4 of the output common
emitter transistor, Q2. The open collector output of Q2 provides the
reset output.
The Delay Time Control is outputted at the junction of the collector
of Q1 and the inverting input of Comparator 2. The reset release
time delay, tPLH is set with an external capacitor. Figures 25 and 26
show tPLH as a function of the external delay capacitor, CD.
When the supply voltage sags to the threshold detection voltage, the
resistor divider network supplies a voltage to the inverting terminal of
the threshold comparator which is less than VREF, causing the output
of the comparator to go to a HIGH state. This causes the common
emitter amplifier, Q1 to turn ON pulling down the non-inverting
terminal of Comparator 2 which causes its output to go to a HIGH
state. This HIGH output level turns on the output common emitter
transistor, Q2. The collector output of Q2 is pulled LOW through the
external pull-up resistor, thereby asserting the Active-LOW reset.
Threshold hysteresis is established by turning on the bipolar common
emitter transistor, Q1 when the input threshold Comparator 1 goes
to a HIGH state. This occurs when VCC sags to or below the
threshold level. With the output of Q1 connected to the non-inverting
terminal of Comparator 2, the non-inverting terminal has a level near
ground at about 0.4 V when the reset is asserted (Active-LOW). For
the Comparator 2 to reverse its output, the Comparator 1 output and
Q1 must overcome the additional pull-down voltage present on the
inverting input of Comparator 2. The differential voltage required to
do this establishes the hysteresis voltage of the sensed threshold
voltage. Typically, it is 50 mV.
When VCC sags, and it is below the detection Threshold (VSL), the
device will assert a Reset LOW output at or near ground potential.
As VCC rises from (VCC < VSL) to VSH or higher, the Reset is
released and the output follows VCC. Conversely, decreases in VCC
from (VCC > VSL) to VSL will cause the output to be pulled to ground.
Hysteresis voltage = Release voltage – Detection Threshold voltage
Vhys = VSH – VSL
where:
VSH = VSL + Vhys
VSL = VSH – Vhys
When VCC drops below the minimum operating voltage, typically
0.65 V, the output is undefined and the output reset low assertion is
no longer guaranteed. At this level of VCC the output will try to rise to
VCC. As VCC drops even further to zero, VOUT reset also goes to
zero.
3
4
R3
Q1
Q2
R4
2
VOUT
GND
SUB
COMP2
COMP1
(SUBSTRATE)
ID
R2
R1
1
TC
5
VREF
VCC
SL01607
Figure 22. Functional diagram.


Similar Part No. - NE56632-28D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56631-19 PHILIPS-NE56631-19 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-19D PHILIPS-NE56631-19D Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-20 PHILIPS-NE56631-20 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-20D PHILIPS-NE56631-20D Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-27 PHILIPS-NE56631-27 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
More results

Similar Description - NE56632-28D

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
   System Reset with Delay Time Circuit
logo
Fitipower Integrated Te...
FP6801 FITIPOWER-FP6801 Datasheet
499Kb / 9P
   Microprocessor Reset Circuits With Adjustable Delay Time
logo
Mitsumi Electronics, Co...
IC-PST83XX MITSUMI-IC-PST83XX Datasheet
195Kb / 20P
   CMOS System Reset IC with Delay Time Circuit
logo
NXP Semiconductors
NE56631-XX PHILIPS-NE56631-XX Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
logo
Texas Instruments
TLV840 TI-TLV840_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Texas Instruments
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com