Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE56632-28D Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE56632-28D
Description  Active-LOW system reset with adjustable delay time
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE56632-28D Datasheet(HTML) 5 Page - NXP Semiconductors

  NE56632-28D Datasheet HTML 1Page - NXP Semiconductors NE56632-28D Datasheet HTML 2Page - NXP Semiconductors NE56632-28D Datasheet HTML 3Page - NXP Semiconductors NE56632-28D Datasheet HTML 4Page - NXP Semiconductors NE56632-28D Datasheet HTML 5Page - NXP Semiconductors NE56632-28D Datasheet HTML 6Page - NXP Semiconductors NE56632-28D Datasheet HTML 7Page - NXP Semiconductors NE56632-28D Datasheet HTML 8Page - NXP Semiconductors NE56632-28D Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Philips Semiconductors
Product data
NE56632-XX
Active-LOW system reset with adjustable delay time
2002 Mar 25
5
TYPICAL PERFORMANCE CURVES, NE56632-20
SL01620
AMBIENT TEMPERATURE, Tamb (°C)
1.9850
1.9875
1.9900
1.9925
1.9950
1.9975
2.0000
2.0025
2.0050
–40
–20
0
20
40
60
80
100
Test Circuit 1
VCC = HIGH-to-LOW
RL = 4.7 kΩ
VOL ≤ 0.4 V
S1 = ON
Figure 3. Detection threshold versus temperature.
SL01621
AMBIENT TEMPERATURE, Tamb (°C)
30
40
50
60
70
80
90
100
–40
–20
0
20
40
60
80
100
Test Circuit 1
VCC = LOW-to-HIGH-to-LOW
RL = 4.7 kΩ
S1 = ON
Figure 4. Hysteresis voltage versus temperature.
SL01622
AMBIENT TEMPERATURE, Tamb (°C)
–40
–20
0
20
40
60
80
100
0.185
0.190
0.195
0.200
0.205
0.210
0.215
0.220
0.225
Test Circuit 1
VCC1 = VS(min) – 0.05 V
RL = 4.7 kΩ
S1 = ON
Figure 5. LOW-level output voltage versus temperature.
SL01623
AMBIENT TEMPERATURE, Tamb (°C)
–40
–20
0
20
40
60
80
100
3
4
5
6
7
8
9
Test Circuit 1
VCC1 = VS(min) – 0.05 V
RL = ∞
Figure 6. Supply current (ON time) versus temperature.
SL01624
AMBIENT TEMPERATURE, Tamb (°C)
–40
–20
0
20
40
60
80
100
2.0
2.5
3.0
3.5
4.0
4.5
Test Circuit 1
RL = ∞
VCC1 = VS(typ)/0.85
Figure 7. Supply current (OFF time) versus temperature.
SL01625
AMBIENT TEMPERATURE, Tamb (°C)
–40
–20
0
20
40
60
80
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
Test Circuit 1
RL = 4.7 kΩ
VOL ≤ 0.4 V
S1 = ON
Figure 8. Min. operating threshold voltage versus temperature.


Similar Part No. - NE56632-28D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE56631-19 PHILIPS-NE56631-19 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-19D PHILIPS-NE56631-19D Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-20 PHILIPS-NE56631-20 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-20D PHILIPS-NE56631-20D Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
NE56631-27 PHILIPS-NE56631-27 Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
More results

Similar Description - NE56632-28D

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
IC-PST596 MITSUMI-IC-PST596 Datasheet
131Kb / 5P
   System Reset with Delay Time Circuit
logo
Fitipower Integrated Te...
FP6801 FITIPOWER-FP6801 Datasheet
499Kb / 9P
   Microprocessor Reset Circuits With Adjustable Delay Time
logo
Mitsumi Electronics, Co...
IC-PST83XX MITSUMI-IC-PST83XX Datasheet
195Kb / 20P
   CMOS System Reset IC with Delay Time Circuit
logo
NXP Semiconductors
NE56631-XX PHILIPS-NE56631-XX Datasheet
107Kb / 11P
   Active-LOW system reset
2003 Feb 14
logo
Texas Instruments
TLV840 TI-TLV840_V01 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V04 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
TLV840 TI-TLV840_V03 Datasheet
1Mb / 30P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
logo
Advanced Power Electron...
APE6800 A-POWER-APE6800_16 Datasheet
399Kb / 10P
   Reset Timer with Delay Time
APE6800 A-POWER-APE6800 Datasheet
386Kb / 10P
   Reset Timer with Delay Time
logo
Texas Instruments
TLV840 TI-TLV840_V02 Datasheet
1Mb / 29P
[Old version datasheet]   TLV840 Nano-Power Ultra-Low Voltage Supervisor with Adjustable Reset Time Delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com