Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP4423P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4423P
Description  3A Dual High-Speed MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4423P Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4423P Datasheet HTML 1Page - ON Semiconductor NCP4423P Datasheet HTML 2Page - ON Semiconductor NCP4423P Datasheet HTML 3Page - ON Semiconductor NCP4423P Datasheet HTML 4Page - ON Semiconductor NCP4423P Datasheet HTML 5Page - ON Semiconductor NCP4423P Datasheet HTML 6Page - ON Semiconductor NCP4423P Datasheet HTML 7Page - ON Semiconductor NCP4423P Datasheet HTML 8Page - ON Semiconductor NCP4423P Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
NCP4423, NCP4424, NCP4425
http://onsemi.com
2
PIN CONNECTIONS
116
15
14
13
12
11
10
9
2
3
4
5
6
7
8
(Top View)
NC
IN A
NC
NC
NC
NC
GND
GND
NC
IN B
OUT B
OUT B
VDD
VDD
OUT A
OUT A
16–Pin SO Wide
NCP4423
NCP4424
NCP4425
4423
NC
NC
OUT B
OUT B
VDD
VDD
OUT A
OUT A
4424
NC
NC
OUT B
OUT B
VDD
VDD
OUT A
OUT A
4425
NC = NO CONNECTION
NOTE: Duplicate pins must both be connected for proper
operation.
18
7
6
5
2
3
4
8–Pin DIP
NCP4423
NCP4424
NCP4425


Similar Part No. - NCP4423P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
NCP4420DR2 ONSEMI-NCP4420DR2 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
NCP4420P ONSEMI-NCP4420P Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
NCP4421 ONSEMI-NCP4421 Datasheet
141Kb / 12P
   9.0 A High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
NCP4422 ONSEMI-NCP4422 Datasheet
141Kb / 12P
   9.0 A High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results

Similar Description - NCP4423P

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4423 TELCOM-TC4423 Datasheet
84Kb / 7P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4425AVOA MICROCHIP-TC4425AVOA Datasheet
697Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4423 MICROCHIP-TC4423_04 Datasheet
321Kb / 18P
   3A Dual High-Speed Power MOSFET Drivers
2004
TC4423A MICROCHIP-TC4423A Datasheet
771Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
2007
TC4424AVOA713 MICROCHIP-TC4424AVOA713 Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
TC4424AVOE MICROCHIP-TC4424AVOE Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
logo
Unisonic Technologies
UTC4424 UTC-UTC4424 Datasheet
171Kb / 4P
   3A Dual High-Speed Power MOSFET Drivers
logo
Microchip Technology
TC4423 MICROCHIP-TC4423 Datasheet
71Kb / 9P
   3A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4423 MICROCHIP-TC4423_13 Datasheet
358Kb / 20P
   3A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4424AVOA MICROCHIP-TC4424AVOA Datasheet
773Kb / 22P
   3A Dual High-Speed Power MOSFET Drivers
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com