Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430X22X2 Datasheet(PDF) 9 Page - Texas Instruments

Part # MSP430X22X2
Description  MIXED SIGNAL MICROCONTROLLER
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430X22X2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button MSP430X22X2 Datasheet HTML 5Page - Texas Instruments MSP430X22X2 Datasheet HTML 6Page - Texas Instruments MSP430X22X2 Datasheet HTML 7Page - Texas Instruments MSP430X22X2 Datasheet HTML 8Page - Texas Instruments MSP430X22X2 Datasheet HTML 9Page - Texas Instruments MSP430X22X2 Datasheet HTML 10Page - Texas Instruments MSP430X22X2 Datasheet HTML 11Page - Texas Instruments MSP430X22X2 Datasheet HTML 12Page - Texas Instruments MSP430X22X2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 85 page
background image
MSP430x22x2, MSP430x22x4
MIXED SIGNAL MICROCONTROLLER
SLAS504B − JULY 2006 − REVISED JULY 2007
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions, MSP430x22x4
TERMINAL
NAME
DA
RHA
I/O
DESCRIPTION
NAME
NO.
NO.
I/O
DESCRIPTION
P1.0/TACLK/
ADC10CLK
31
29
I/O
General-purpose digital I/O pin
Timer_A, clock signal TACLK input
ADC10, conversion clock
P1.1/TA0
32
30
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0A input, compare: OUT0 output/BSL transmit
P1.2/TA1
33
31
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI1A input, compare: OUT1 output
P1.3/TA2
34
32
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI2A input, compare: OUT2 output
P1.4/SMCLK/
TCK
35
33
I/O
General-purpose digital I/O pin / SMCLK signal output
Test Clock input for device programming and test
P1.5/TA0/
TMS
36
34
I/O
General-purpose digital I/O pin / Timer_A, compare: OUT0 output
Test Mode Select input for device programming and test
P1.6/TA1/
TDI/TCLK
37
35
I/O
General-purpose digital I/O pin / Timer_A, compare: OUT1 output
Test Data Input or Test Clock Input for programming and test
P1.7/TA2/
TDO/TDI
38
36
I/O
General-purpose digital I/O pin / Timer_A, compare: OUT2 output
Test Data Output or Test Data Input for programming and test
P2.0/ACLK/A0/OA0I0
8
6
I/O
General-purpose digital I/O pin / ACLK output
ADC10, analog input A0 / OA0, analog input I0
P2.1/TAINCLK/SMCLK/
A1/OA0O
9
7
I/O
General-purpose digital I/O pin / Timer_A, clock signal at INCLK
SMCLK signal output
ADC10, analog input A1 / OA0, analog output
P2.2/TA0/
A2/OA0I1
10
8
I/O
General-purpose digital I/O pin
Timer_A, capture: CCI0B input/BSL receive, compare: OUT0 output
ADC10, analog input A2 / OA0, analog input I1
P2.3/TA1/
A3/VREF−/VeREF−
/OA1I1/OA1O
29
27
I/O
General-purpose digital I/O pin
Timer_A, capture CCI1B input, compare: OUT1 output
ADC10, analog input A3 / negative reference voltage output/input
OA1, analog input I1 / OA1, analog output
P2.4/TA2/
A4/VREF+/VeREF+
/OA1I0
30
28
I/O
General-purpose digital I/O pin / Timer_A, compare: OUT2 output
ADC10, analog input A4 / positive reference voltage output/input
OA1, analog input I0
P2.5/
ROSC
3
40
I/O
General-purpose digital I/O pin
Input for external DCO resistor to define DCO frequency
XIN/P2.6
6
3
I/O
Input terminal of crystal oscillator
General-purpose digital I/O pin
XOUT/P2.7
5
2
I/O
Output terminal of crystal oscillator
General-purpose digital I/O pin
P3.0/
UCB0STE/UCA0CLK/
A5
11
9
I/O
General-purpose digital I/O pin
USCI_B0 slave transmit enable / USCI_A0 clock input/output
ADC10, analog input A5
P3.1/
UCB0SIMO/UCB0SDA
12
10
I/O
General-purpose digital I/O pin
USCI_B0 slave in/master out in SPI mode, SDA I2C data in I2C mode
P3.2/
UCB01SOMI/UCB0SCL
13
11
I/O
General-purpose digital I/O pin
USCI_B0 slave out/master in in SPI mode, SCL I2C clock in I2C mode
P3.3/
UCB0CLK/UCA0STE
14
12
I/O
General-purpose digital I/O pin
USCI_B0 clock input/output / USCI_A0 slave transmit enable
P3.4/
UCA0TXD/UCA0SIMO
25
23
I/O
General-purpose digital I/O pin
USCI_A0 transmit data output in UART mode, slave in/master out in SPI mode


Similar Part No. - MSP430X22X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X22X2 TI-MSP430X22X2 Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X22X2 TI-MSP430X22X2 Datasheet
2Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430x22x2 TI-MSP430x22x2 Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X22X2 TI-MSP430X22X2_08 Datasheet
2Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X22X2 TI-MSP430X22X2_1 Datasheet
1Mb / 87P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430X22X2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com