Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC13022AP Datasheet(PDF) 6 Page - Motorola, Inc

Part # MC13022AP
Description  Advanced Medium Voltage AM Stereo Decoder
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13022AP Datasheet(HTML) 6 Page - Motorola, Inc

  MC13022AP Datasheet HTML 1Page - Motorola, Inc MC13022AP Datasheet HTML 2Page - Motorola, Inc MC13022AP Datasheet HTML 3Page - Motorola, Inc MC13022AP Datasheet HTML 4Page - Motorola, Inc MC13022AP Datasheet HTML 5Page - Motorola, Inc MC13022AP Datasheet HTML 6Page - Motorola, Inc MC13022AP Datasheet HTML 7Page - Motorola, Inc MC13022AP Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC13022A
6
MOTOROLA ANALOG IC DEVICE DATA
P SUFFIX
PLASTIC PACKAGE
CASE 710–02
ISSUE B
DW SUFFIX
PLASTIC PACKAGE
CASE 751F–04
(SO–28L)
ISSUE E
OUTLINE DIMENSIONS
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.13
(0.005) TOTAL IN EXCESS OF D DIMENSION
AT MAXIMUM MATERIAL CONDITION.
J
K
F
1
15
14
28
–A–
–B–
28X
14X
D
P
S
A
M
0.010 (0.25)
B S
T
M
0.010 (0.25)
B M
26X
G
–T–
SEATING
PLANE
C
X 45
R
_
M
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
17.80
18.05
0.701
0.711
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.41
0.90
0.016
0.035
G
1.27 BSC
0.050 BSC
J
0.23
0.32
0.009
0.013
K
0.13
0.29
0.005
0.011
M
0
8
0
8
P
10.01
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
___
_
NOTES:
1. POSITIONAL TOLERANCE OF LEADS (D), SHALL
BE WITHIN 0.25 (0.010) AT MAXIMUM MATERIAL
CONDITION, IN RELATION TO SEATING PLANE
AND EACH OTHER.
2. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
3. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
1
SEATING
PLANE
15
14
28
M
A
B
K
C
N
F
G
D
H
J
L
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
36.45
37.21
1.435
1.465
B
13.72
14.22
0.540
0.560
C
3.94
5.08
0.155
0.200
D
0.36
0.56
0.014
0.022
F
1.02
1.52
0.040
0.060
G
2.54 BSC
0.100 BSC
H
1.65
2.16
0.065
0.085
J
0.20
0.38
0.008
0.015
K
2.92
3.43
0.115
0.135
L
15.24 BSC
0.600 BSC
M
0
15
0
15
N
0.51
1.02
0.020
0.040
__
__


Similar Part No. - MC13022AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
MC13027 MOTOROLA-MC13027 Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
MC13027DW MOTOROLA-MC13027DW Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
MC13027P MOTOROLA-MC13027P Datasheet
363Kb / 28P
   AMAX STEREO CHIPSET
MC13028A MOTOROLA-MC13028A Datasheet
499Kb / 20P
   C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
More results

Similar Description - MC13022AP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8120P TOSHIBA-TA8120P Datasheet
1Mb / 16P
   C-QUAM AM STEREO DECODER
logo
Motorola, Inc
MC13028A MOTOROLA-MC13028A Datasheet
499Kb / 20P
   C-QUAM AM STEREO ADVANCED WIDE VOLTAGE IF and DECODER for E.T.R. RADIOS
MC13020P MOTOROLA-MC13020P Datasheet
793Kb / 6P
   MOTOROLA C-QUAM AM STEREO DECODER
logo
NXP Semiconductors
TDA7040T PHILIPS-TDA7040T Datasheet
112Kb / 11P
   Low voltage PLL stereo decoder
September 1986
logo
TEMIC Semiconductors
U2514B TEMIC-U2514B Datasheet
235Kb / 15P
   AM/FM Receiver for Digital Tuning with FM-Stereo Decoder
logo
STMicroelectronics
TDA7338 STMICROELECTRONICS-TDA7338_05 Datasheet
543Kb / 12P
   STEREO DECODER
TDA7338 STMICROELECTRONICS-TDA7338 Datasheet
103Kb / 11P
   STEREO DECODER
December 1996
logo
List of Unclassifed Man...
TCA4500A ETC-TCA4500A Datasheet
129Kb / 4P
   STEREO DECODER
logo
STMicroelectronics
TDA7514 STMICROELECTRONICS-TDA7514 Datasheet
629Kb / 74P
   SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
TDA7513T STMICROELECTRONICS-TDA7513T Datasheet
520Kb / 59P
   SINGLE-CHIP FM/AM TUNER WITH STEREO DECODER AND AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com