Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEL6910A Datasheet(PDF) 1 Page - Sanken electric

Part # SEL6910A
Description  3phi Round LED (Direct Mount)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL6910A Datasheet(HTML) 1 Page - Sanken electric

  SEL6910A Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
2.0
1.9
1.9
1.9
2.0
2.0
2.0
SEL6110S
SEL6110R
SEL6210S
SEL6210R
SEL6810A
SEL6810D
SEL6910A
SEL6910D
SEL6710K
SEL6710Y
SEL6410E
SEL6410G
SEL6510C
SEL6510G
3
φ Round LED (Direct Mount)
SEL6010 Series
Transparent red
Diffused red
Transparent red
Diffused red
Transparent orange
Diffused orange
Transparent orange
Diffused orange
Transparent yellow
Diffused yellow
Transparent green
Diffused green
Clear
Diffused green
Electrical Optical characteristics (Ta=25
°C)
3.9
2.6
41
18
22
9.6
22
11
37
11
90
30
42
9.6
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL6010 Series
2.5
2.5
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
10
10
50
50
50
50
50
50
50
3
3
3
3
3
3
3
10
20
10
10
10
20
20
700
630
610
587
570
560
555
10
10
10
10
10
10
10
100
35
35
33
30
20
20
10
10
10
10
10
10
10
Diffuse lens
Transparent lens
Deep red
Red
Amber
Orange
Yellow
Green
Pure green
GaP
GaAsP
GaP
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
3.5
0.4±
0.1
23.0min
1.0min
5.5±
0.5
(1.7)
3.5±
0.1
Resin heap
0.8max
Cathode
Tolerance:
±0.3
(Unit: mm)


Similar Part No. - SEL6910A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL6910A SANKEN-SEL6910A Datasheet
436Kb / 2P
   3phi Round LEDs
More results

Similar Description - SEL6910A

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL6014 SANKEN-SEL6014 Datasheet
25Kb / 1P
   3phi Round Wide-directivity LED (Direct Mount)
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
   3phi Round Narrow-directivity LED (Direct Mount)
SID2010 SANKEN-SID2010 Datasheet
25Kb / 1P
   3phi Round Infrared LED
SEL2010 SANKEN-SEL2010 Datasheet
29Kb / 1P
   3phi Round Standard LED
SEL2015 SANKEN-SEL2015 Datasheet
26Kb / 1P
   3phi Round Narrow-directivity LED
SEL6013 SANKEN-SEL6013 Datasheet
25Kb / 1P
   3phi Inverted-cone LED for surface illumination (Direct Mount)
SEL5021 SANKEN-SEL5021 Datasheet
26Kb / 1P
   5-mm Pitch Lead 3phi Lens-type LED (Direct Mount)
SEL2010 SANKEN-SEL2010_08 Datasheet
439Kb / 2P
   3phi Round Standard LEDs
SEL6010 SANKEN-SEL6010_08 Datasheet
436Kb / 2P
   3phi Round LEDs
SID1050M SANKEN-SID1050M Datasheet
24Kb / 1P
   5phi Round Infrared LED (Direct Mount)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com