Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEL4227C Datasheet(PDF) 1 Page - Sanken electric

Part # SEL4227C
Description  4phi Bow-shaped LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL4227C Datasheet(HTML) 1 Page - Sanken electric

  SEL4227C Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
36
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
4
φ Bow-shaped LED
SEL4027 Series
Directivity (Typical)
External Dimensions
SEL4027 Series
(Unit: mm)
1.9
2.0
SEL4227C
SEL4427EP
Clear
Transparent green
Electrical Optical characteristics (Ta=25
°C)
15
19
2.5
2.5
10
10
50
50
3
3
20
20
630
560
10
10
35
20
10
10
Red
Green
GaAsP
GaP
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
Tolerance:
±0.3
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
Resin heap 0.8max
1.0min
23.0min
5.0±0.2
Cathode
2.0±0.1


Similar Part No. - SEL4227C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4227C SANKEN-SEL4227C Datasheet
428Kb / 2P
   4phi Bow Shaped LEDs
More results

Similar Description - SEL4227C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4027 SANKEN-SEL4027_08 Datasheet
428Kb / 2P
   4phi Bow Shaped LEDs
SEL6027 SANKEN-SEL6027_08 Datasheet
437Kb / 2P
   4phi Bow Shaped LEDs
SEL6027 SANKEN-SEL6027 Datasheet
27Kb / 1P
   4phi Bow-shaped LED (Direct Mount)
SEL4028 SANKEN-SEL4028 Datasheet
27Kb / 1P
   3.1phi Bow-shaped LED
SEL4029 SANKEN-SEL4029 Datasheet
26Kb / 1P
   3.1phi Bow-shaped LED (Direct Mount)
SEL4029 SANKEN-SEL4029_08 Datasheet
429Kb / 2P
   3.1phi Bow Shaped LEDs
SEL4028 SANKEN-SEL4028_08 Datasheet
437Kb / 2P
   3.1phi Bow Shaped LEDs
SML70023 SANKEN-SML70023 Datasheet
30Kb / 1P
   3.3x6 Bow-shaped Bicolor LED (Direct Mount)
SEL5023 SANKEN-SEL5023_08 Datasheet
436Kb / 2P
   5mm Pitch Lead Bow Shaped LEDs
SEL5023 SANKEN-SEL5023 Datasheet
28Kb / 1P
   5-mm Pitch Lead Bow-shaped LED (Direct Mount)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com