Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM15HA151JO3-RHTR02 Datasheet(PDF) 4 Page - Sharma Electro Components,Inc

Part # DM15HA151JO3-RHTR02
Description  MICA CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM15HA151JO3-RHTR02 Datasheet(HTML) 4 Page - Sharma Electro Components,Inc

  DM15HA151JO3-RHTR02 Datasheet HTML 1Page - Sharma Electro Components,Inc DM15HA151JO3-RHTR02 Datasheet HTML 2Page - Sharma Electro Components,Inc DM15HA151JO3-RHTR02 Datasheet HTML 3Page - Sharma Electro Components,Inc DM15HA151JO3-RHTR02 Datasheet HTML 4Page - Sharma Electro Components,Inc DM15HA151JO3-RHTR02 Datasheet HTML 5Page - Sharma Electro Components,Inc DM15HA151JO3-RHTR02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM15HA151JO3-RHTR02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM15HA151JO3-RHTR02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM15HA151JO3-RHTR02 Datasheet HTML 9Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
GENERAL SPECIFICATIONS FOR
SHARMA  MICA CAPACITORS
The
SHARMA Mica capacitors meet the required commercial specifications and theEIA
requirements. The CMO series capacitors also meet the military specifications MIL-C-5. The
actual specifications and dimensions of the capacitors are mentioned under each series in
the catalog.
CAPACITANCE
The capacitance of mica capacitors is measured at 1 M Hz ±10% for capacitance values up
to 1000 pF and at 1 K Hz ±10% for capacitance values above 1000 pF. The capacitance
value when measured at 25 °C shall be with in the tolerance specified.
DISSIPATION FACTOR
The dissipation factor for mica capacitors are measured at 1MHz for values up to 1000 pF
and at 1 KHz for values above 1000 pF. The values shall remain within the specified values.
The variation pattern of dissipation factor for different values of capacitance are also shown
in the Figure 3.
INSULATION RESISTANCE
The insulation resistance is measured at 50 ±5 V for capacitors with rated voltage of 50 V
DC and at 100 ±10 V for capacitors with higher voltage rating. The insulation resistance thus
measured at 25 °C shall meet the specified limits. The variation of insulation resistance for
different capacitance values at 25 °C is shown in Figure 1. After certain tests listed below
the insulation resistance value changes and these values are plotted in Figure 2. Figure 4
indicates the variation pattern of insulation resistance with capacitance value at different
temperature conditions.
WITHSTANDING VOLTAGE
The mica capacitors are designed to withstand higher voltage than the rated voltage for
limited time. These capacitors shall withstand 200% of the rated voltage for 1 to 5 seconds
when applied with a limiting surge current value of 50 mA.
VIBRATION GRADE
The capacitors shall be subjected to a harmonic motion having an amplitude of 1.5 mm and
the frequency which is varied between the limits of 10 and 55 Hz. The entire frequency
range from 10 to 55 Hz and then back to 10 Hz shall be traversed in approximately 1 minute
and the motion shall be applied for a period of 1hour in each of the three mutually
perpendicular directions. After testing, when the electrical measurements are performed:
1. The insulation resistance shall be more than 30000 M Ohms for capacitance value up to
10000 pF. Please refer to Figure 2 for acceptable variation pattern for Insulation
Resistance for values above 10000 pF.
2. The dissipation factor shall be within the original specified limits. Please also refer to
Figure 3 for variation pattern of dissipation factor with respect to capacitance value.
3. The capacitance change shall not exceed ±1% or ±1 pF whichever is greater.
SOLDERING HEAT RESISTANCE
Both leads of the capacitors shall be immersed in molten solder at a
temperature of 270
°C for 3 to 4 seconds. After the test the capacitors shall meet the initial requirements of the
Withstanding voltage and the Capacitance change shall not exceed ± 0.55 or ± 1 pF.
MOISTURE RESISTANCE
Capacitors shall be subjected to a temperature of 40 ±2 °C at 90 to 95 % relative humidity
for 240 ±8 Hours. After the test:
1. The samples shall meet the after test requirement of Insulation resistance values as
furnished in Figure 2.
2. The dissipation factor shall be within 1.5 times the original specified limits. Please also
refer to Figure 3 for variation pattern of dissipation factor with respect to capacitance
value for original limits.
3. The capacitance change shall not exceed ±3% or ±1 pF whichever is greater.
MOISTURE RESISTANCE LOADING
Capacitors shall be subjected to a temperature of 40±2 °C at 90 to 95% relative humidity
with rated voltage for 500 Hours. After the test the samples are maintained at normal
temperature and relative humidity for a period of 4 to 24 hours. When tested after this;
1. The capacitor samples shall be free of cracks, or other mechanical damages and the
marking shall remain legible
2. The samples shall meet the original requirement of the Withstanding voltage
3. The samples shall meet the after test requirement of Insulation resistance as furnished in
Figure 2
4. The dissipation factor shall be within 2 times the original limits
5. The capacitance change shall not exceed ±5% or ±1 pF
PERFORMANCE CHARACTERISTICS
FIGURE 1
FIGURE 2
FIGURE 3
FIGURE 5
FIGURE 4
Sharma Mica Capacitors
Page 4
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - DM15HA151JO3-RHTR02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Power-One
DM1501-7R POWER-ONE-DM1501-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
More results

Similar Description - DM15HA151JO3-RHTR02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com