Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM10HA151JO3-RHTR02 Datasheet(PDF) 10 Page - Sharma Electro Components,Inc

Part # DM10HA151JO3-RHTR02
Description  MICA CAPACITORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

DM10HA151JO3-RHTR02 Datasheet(HTML) 10 Page - Sharma Electro Components,Inc

Back Button DM10HA151JO3-RHTR02 Datasheet HTML 6Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 7Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 8Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 9Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 10Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 11Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 12Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 13Page - Sharma Electro Components,Inc DM10HA151JO3-RHTR02 Datasheet HTML 14Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
9.50
10.01
4.50
20 - 82
E
9.50
10.01
4.50
91 - 430
F
9.50
10.01
4.50
470
F
10.01
10.49
5.08
510
F
10.01
10.49
5.08
560
F
10.01
10.49
5.08
620
F
10.01
10.49
5.08
680
F
10.01
10.49
5.08
750
F
10.49
11.00
5.59
820
F
10.49
11.00
5.59
910
F
10.49
11.00
5.59
1,000
F
10.49
11.00
5.59
1,100
F
11.00
11.51
6.10
1,200
F
11.00
11.51
6.10
1,300 - 2,500
F
11.00
11.51
6.10
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
0.374
0.394
0.177
20 - 82
E
0.374
0.394
0.177
91 - 430
F
0.374
0.394
0.177
470
F
0.394
0.413
0.200
510
F
0.394
0.413
0.200
560
F
0.394
0.413
0.200
620
F
0.394
0.413
0.200
680
F
0.394
0.413
0.200
750
F
0.413
0.433
0.220
820
F
0.413
0.433
0.220
910
F
0.413
0.433
0.220
1,000
F
0.413
0.433
0.220
1,100
F
0.433
0.453
0.240
1,200
F
0.433
0.453
0.240
1,300 - 2,500
F
0.433
0.453
0.240
DM 12 Mica Capacitors
DM12
Case
Dimensions
in Millimeters
Lead Spacing:
5.0 ± 0.8mm
DM12
Case
Dimensions
in Inches
Lead Spacing:
0.197 ± 0.031
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
7.87
5.84
3.05
20 - 56
E
7.87
5.84
3.05
62 - 68
E
8.13
5.84
3.30
7.87
5.84
3.05
75 - 82
E
8.13
5.84
3.30
8.13
5.84
3.30
7.87
5.84
3.05
91
F
8.13
5.84
3.30
8.13
5.84
3.30
7.87
5.84
3.05
100
F
8.13
5.84
3.30
8.13
5.84
3.30
8.13
5.84
3.30
110 - 120
F
8.13
6.10
3.56
8.13
5.84
3.30
8.13
5.84
3.30
130 - 160
F
8.13
6.10
3.56
8.13
6.10
3.56
8.13
5.84
3.30
180
F
8.38
6.10
3.81
8.13
6.10
3.56
8.13
6.10
3.56
200
F
8.38
6.10
3.81
8.38
6.10
3.81
8.13
6.10
3.56
220 - 240
F
8.64
6.35
4.06
8.38
6.10
3.81
8.13
6.10
3.56
250
F
8.64
6.35
4.06
8.64
6.35
4.06
8.13
6.10
3.56
270 - 300
F
8.64
6.35
4.06
8.38
6.10
3.81
330
F
8.89
6.60
4.32
8.38
6.10
3.81
360
F
8.89
6.60
4.32
8.64
6.35
4.06
390 - 400
F
8.64
6.35
4.06
430 - 470
F
8.89
6.60
4.32
750 - 820*
F
8.89
6.60
4.32
CAPACITANCE
VOLTAGE
VALUE in pF
500 V DC
300 V DC
100 V DC
Lmax.
W max.
T max
Lmax.
W max.
T max
Lmax.
W max.
T max
1 - 18
C
0.310
0.230
0.120
20 - 56
E
0.310
0.230
0.120
62 - 68
E
0.320
0.230
0.130
0.310
0.230
0.120
75 - 82
E
0.320
0.230
0.130
0.320
0.230
0.130
0.310
0.230
0.120
91
F
0.320
0.230
0.130
0.320
0.230
0.130
0.310
0.230
0.120
100
F
0.320
0.230
0.130
0.320
0.230
0.130
0.320
0.230
0.130
110 - 120
F
0.320
0.240
0.140
0.320
0.230
0.130
0.320
0.230
0.130
130 - 160
F
0.320
0.240
0.140
0.320
0.240
0.140
0.320
0.230
0.130
180
F
0.330
0.240
0.150
0.320
0.240
0.140
0.320
0.240
0.140
200
F
0.330
0.240
0.150
0.330
0.240
0.150
0.320
0.240
0.140
220 - 240
F
0.340
0.250
0.160
0.330
0.240
0.150
0.320
0.240
0.140
250
F
0.340
0.250
0.160
0.340
0.250
0.160
0.320
0.240
0.140
270 - 300
F
0.340
0.250
0.160
0.330
0.240
0.150
330
F
0.350
0.260
0.170
0.330
0.240
0.150
360
F
0.350
0.260
0.170
0.340
0.250
0.160
390 - 400
F
0.340
0.250
0.160
430 - 470
F
0.350
0.260
0.170
750 - 820*
F
0.350
0.260
0.170
SCDM 10 Mica Capacitors
* Available only in 50 V rating.
Note: Bold Outlined Sections indicate
SUSCO Standard items.
SCDM10
Case
Dimensions
in Millimeters
Lead Spacing:
3.57 ± 0.8mm
SCDM10
Case
Dimensions
in Inches
Lead Spacing:
0.141 ± 0.031”
Note: Bold Outlined Sections indicate
SHARMA Standard items.
DIMENSIONS:
LL = 31.75 mm (1.25”) min.
Sharma Mica Capacitors
Page 10
Tel: (949)642-7324
SECI Engineers & Buyers' Guide
Fax: (949)642-7327


Similar Part No. - DM10HA151JO3-RHTR02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
logo
Pepperl+Fuchs Inc.
DM10-10NDFEB PF-DM10-10NDFEB Datasheet
341Kb / 2P
   Magnet
logo
Extech Instruments Corp...
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
Power-One
DM1001-7R POWER-ONE-DM1001-7R Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
MicroPower Direct, LLC
DM100E MPD-DM100E Datasheet
217Kb / 2P
   UltraMiniature, 1W SIP Single & Dual Output DC/DC Converters
More results

Similar Description - DM10HA151JO3-RHTR02

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM20 SHARMA-DM20 Datasheet
253Kb / 1P
   Mica Capacitors
DM05 SHARMA-DM05 Datasheet
192Kb / 17P
   MICA CAPACITORS
DM12 SHARMA-DM12 Datasheet
252Kb / 1P
   Mica Capacitors
DM15 SHARMA-DM15 Datasheet
253Kb / 1P
   Mica Capacitors
logo
Cornell Dubilier Electr...
CD10CD010DO3F CDE-CD10CD010DO3F Datasheet
292Kb / 6P
   Mica Capacitors, Standard Dipped
CMR03E220DOYR CDE-CMR03E220DOYR Datasheet
888Kb / 5P
   HIGH - RELIABILITY, MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com