Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30620SPFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M30620SPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620SPFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M30620SPFP Datasheet HTML 4Page - Renesas Technology Corp M30620SPFP Datasheet HTML 5Page - Renesas Technology Corp M30620SPFP Datasheet HTML 6Page - Renesas Technology Corp M30620SPFP Datasheet HTML 7Page - Renesas Technology Corp M30620SPFP Datasheet HTML 8Page - Renesas Technology Corp M30620SPFP Datasheet HTML 9Page - Renesas Technology Corp M30620SPFP Datasheet HTML 10Page - Renesas Technology Corp M30620SPFP Datasheet HTML 11Page - Renesas Technology Corp M30620SPFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 8
Table 1.5 Product List (2) (M16C/62P)
M30625FGPGP
ROM capacity
ROM capacity
Package type
Remarks
Type No.
As of Nov. 2003
128P6Q-A
Flash memory version
(D): Under development
(P): Under planning
100P6S-A
4K bytes
64K+4K bytes
M30622F8PFP
M30622F8PGP
100P6Q-A
10K bytes
128K+4K bytes
M30620FCPFP
100P6S-A
100P6Q-A
M30620FCPGP
20K bytes
256K+4K bytes
M30624FGPGP
100P6S-A
M30624FGPFP
M30626FHPFP
128P6Q-A
100P6S-A
100P6Q-A
31K bytes
384K+4K bytes
M30626FHPGP
M30627FHPGP
100P6Q-A
M30623F8PGP
80P6S-A
80P6S-A
M30621FCPGP
(D)
M30626FJPFP
100P6Q-A
100P6S-A
31K bytes
512K+4K bytes
M30626FJPGP
(P)
(P)
External ROM version
10K bytes
M30620SPFP
100P6S-A
(D)
M30620SPGP
100P6Q-A
(D)
4K bytes
M30622SPFP
100P6S-A
(D)
M30622SPGP
100P6Q-A
(D)
M30627FJPGP
128P6Q-A
(P)
MASK ROM version
M30627MJP-XXXGP
M30626MJP-XXXFP
100P6Q-A
100P6S-A
31K bytes
512K bytes
M30626MJP-XXXGP
128P6Q-A
(P)
(P)
(P)
(D)


Similar Part No. - M30620SPFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30620SPFP RENESAS-M30620SPFP Datasheet
1Mb / 101P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620SPFP RENESAS-M30620SPFP Datasheet
1Mb / 103P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30620SPFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com