Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30620FCPFP Datasheet(PDF) 35 Page - Renesas Technology Corp

Part # M30620FCPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30620FCPFP Datasheet(HTML) 35 Page - Renesas Technology Corp

Back Button M30620FCPFP Datasheet HTML 31Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 32Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 33Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 34Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 35Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 36Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 37Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 38Page - Renesas Technology Corp M30620FCPFP Datasheet HTML 39Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 87 page
background image
M16C/62 Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics (M16C/62P)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 35
Table 5.9 Low Voltage Detection Circuit Electrical Characteristics (1)
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
Vdet4
Voltage down detection voltage (1)
V
3.84.4
VCC1=0.8 to 5.5V
NOTES:
1. Vdet4 > Vdet3 > Vdet2.
2. Where reset level detection voltage is less than 2.7 V, if the supply power voltage is greater than the reset level detection voltage, the
operation at f(BCLK)
≤ 10MHz is guaranteed.
3. Vdet3r > Vdet3 is not guaranteed.
3.3
Vdet3
Reset level detection voltage (1, 2)
V
2.83.6
2.2
Vdet2
RAM retention limit detection voltage (1)
V
2.7
0.8
2.94.0
2.0
Symbol
Standard
Typ.
Unit
Measuring condition
Min.Max.
Parameter
2
VCC1=2.7 to 5.5V
NOTES:
1. When VCC1 = 5V.
150
6 (1)
50
td(R-S)
STOP release time
20
td(M-L)
Time for internal power supply stabilization when main clock oscillation starts
20
td(S-R)
Hardware reset 2 release wait time
µs
ms
Vdet3s
Low voltage reset retention voltage
Vdet3r
Low voltage reset release voltage (3)
2.2
1.4
V
V
td(P-R)
Time for internal power supply stabilization during powering-on
td(E-A)
Low voltage detection circuit operation start time
µs
µs
ms
VCC1=2.7 to 5.5V
VCC1=Vdet3r to 5.5V
td(W-S)
Low power dissipation mode wait mode release time
150
µs
Interrupt for
stop mode
release
CPU clock
td(R-S)
td(S-R)
Vdet3r
VCC1
Table 5.10 Power Supply Circuit Timing Characteristics


Similar Part No. - M30620FCPFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30620FCPFP RENESAS-M30620FCPFP Datasheet
1Mb / 101P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620FCPFP RENESAS-M30620FCPFP Datasheet
1Mb / 103P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30620FCPFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com