Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4M283233H-HG7L Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4M283233H-HG7L
Description  1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M283233H-HG7L Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4M283233H-HG7L Datasheet HTML 4Page - Samsung semiconductor K4M283233H-HG7L Datasheet HTML 5Page - Samsung semiconductor K4M283233H-HG7L Datasheet HTML 6Page - Samsung semiconductor K4M283233H-HG7L Datasheet HTML 7Page - Samsung semiconductor K4M283233H-HG7L Datasheet HTML 8Page - Samsung semiconductor K4M283233H-HG7L Datasheet HTML 9Page - Samsung semiconductor K4M283233H-HG7L Datasheet HTML 10Page - Samsung semiconductor K4M283233H-HG7L Datasheet HTML 11Page - Samsung semiconductor K4M283233H-HG7L Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
K4M283233H - F(H)N/G/L/F
9
Mobile SDRAM
January 2006
SIMPLIFIED TRUTH TABLE
(V=Valid, X=Don
′t Care, H=Logic High, L=Logic Low)
NOTES :
1. OP Code : Operand Code
A0 ~ A11 & BA0 ~ BA1 : Program keys. (@MRS)
2. MRS can be issued only at all banks precharge state.
A new command can be issued after 2 CLK cycles of MRS.
3. Auto refresh functions are the same as CBR refresh of DRAM.
The automatical precharge without row precharge command is meant by "Auto".
Auto/self refresh can be issued only at all banks precharge state.
Partial self refresh can be issued only after setting partial self refresh mode of EMRS.
4. BA0 ~ BA1 : Bank select addresses.
5. During burst read or write with auto precharge, new read/write command can not be issued.
Another bank read/write command can be issued after the end of burst.
New row active of the associated bank can be issued at tRP after the end of burst.
6. Burst stop command is valid at every burst length.
7. DQM sampled at the positive going edge of CLK masks the data-in at that same CLK in write operation (Write DQM latency
is 0), but in read operation, it makes the data-out Hi-Z state after 2 CLK cycles. (Read DQM latency is 2).
COMMAND
CKEn-1 CKEn
CS
RAS
CAS
WE
DQM BA0,1 A10/AP
A11,
A9 ~ A0
Note
Register
Mode Register Set
H
X
L
L
L
L
X
OP CODE
1, 2
Refresh
Auto Refresh
H
H
L
L
L
H
X
X
3
Self
Refresh
Entry
L
3
Exit
L
H
L
H
H
H
X
X
3
H
X
X
X
3
Bank Active & Row Addr.
H
X
L
L
H
H
X
V
Row Address
Read &
Column Address
Auto Precharge Disable
H
X
L
H
L
H
X
V
L
Column
Address
(A0~A7)
4
Auto Precharge Enable
H
4, 5
Write &
Column Address
Auto Precharge Disable
H
X
L
H
L
L
X
V
L
Column
Address
(A0~A7)
4
Auto Precharge Enable
H
4, 5
Burst Stop
H
X
L
H
H
L
X
X
6
Precharge
Bank Selection
H
X
L
L
H
L
X
V
L
X
All Banks
X
H
Clock Suspend or
Active Power Down
Entry
H
L
H
X
X
X
X
X
L
V
V
V
Exit
L
H
X
X
X
X
X
Precharge Power Down
Mode
Entry
H
L
H
X
X
X
X
X
L
H
H
H
Exit
L
H
H
X
X
X
X
L
V
V
V
DQM
H
X
V
X
7
No Operation Command
H
X
H
X
X
X
X
X
L
H
H
H


Similar Part No. - K4M283233H-HG7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M28323LH SAMSUNG-K4M28323LH Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH-FHN SAMSUNG-K4M28323LH-FHN Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH-FHN/F SAMSUNG-K4M28323LH-FHN/F Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH-FHN/F60 SAMSUNG-K4M28323LH-FHN/F60 Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH-FHN/F75 SAMSUNG-K4M28323LH-FHN/F75 Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results

Similar Description - K4M283233H-HG7L

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M28323PH-F SAMSUNG-K4M28323PH-F Datasheet
144Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S28323LF-F SAMSUNG-K4S28323LF-F Datasheet
141Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S283233F SAMSUNG-K4S283233F Datasheet
140Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M28323LH SAMSUNG-K4M28323LH Datasheet
143Kb / 12P
   1M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S56323LF SAMSUNG-K4S56323LF Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S563233F SAMSUNG-K4S563233F Datasheet
140Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233E-M SAMSUNG-K4M563233E-M Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4S64323LH SAMSUNG-K4S64323LH Datasheet
141Kb / 12P
   512K x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M56323LE SAMSUNG-K4M56323LE Datasheet
141Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
K4M563233G SAMSUNG-K4M563233G Datasheet
143Kb / 12P
   2M x 32Bit x 4 Banks Mobile SDRAM in 90FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com