Electronic Components Datasheet Search |
|
ACS712ELCTR-30A-T Datasheet(PDF) 2 Page - Allegro MicroSystems |
|
ACS712ELCTR-30A-T Datasheet(HTML) 2 Page - Allegro MicroSystems |
2 / 12 page Fully Integrated, Hall Effect-Based Linear Current Sensor with 2.1 kVRMS Voltage Isolation and a Low-Resistance Current Conductor ACS712 2 Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com Selection Guide Part Number Packing* TOP (°C) Optimized Range, IP (A) Sensitivity, Sens (Typ) (mV/A) ACS712ELCTR-05B-T Tape and reel, 3000 pieces/reel –40 to 85 ±5 185 ACS712ELCTR-20A-T Tape and reel, 3000 pieces/reel –40 to 85 ±20 100 ACS712ELCTR-30A-T Tape and reel, 3000 pieces/reel –40 to 85 ±30 66 *Contact Allegro for additional packing options. loss. The thickness of the copper conductor allows survival of the device at up to 5× overcurrent conditions. The terminals of the conductive path are electrically isolated from the sensor leads (pins 5 through 8). This allows the ACS712 current sensor to be used in applications requiring electrical isolation without the use of opto-isolators or other costly isolation techniques. TheACS712 is provided in a small, surface mount SOIC8 package. The leadframe is plated with 100% matte tin, which is compatible withstandardlead(Pb)freeprintedcircuitboardassemblyprocesses. Internally,thedeviceisPb-free,exceptforflip-chiphigh-temperature Pb-based solder balls, currently exempt from RoHS. The device is fully calibrated prior to shipment from the factory. Description (continued) Absolute Maximum Ratings Characteristic Symbol Notes Rating Units Supply Voltage VCC 8 V Reverse Supply Voltage VRCC –0.1 V Output Voltage VIOUT 8 V Reverse Output Voltage VRIOUT –0.1 V Output Current Source IIOUT(Source) 3 mA Output Current Sink IIOUT(Sink) 10 mA Overcurrent Transient Tolerance IP 100 total pulses, 250 ms duration each, applied at a rate of 1 pulse every 100 seconds. 60 A Maximum Transient Sensed Current IR(max) Junction Temperature, TJ < TJ(max) 60 A Nominal Operating Ambient Temperature TA Range E –40 to 85 ºC Maximum Junction TJ(max) 165 ºC Storage Temperature Tstg –65 to 170 ºC TÜV America Certificate Number: U8V 06 05 54214 010 Parameter Specification Fire and Electric Shock CAN/CSA-C22.2 No. 60950-1-03 UL 60950-1:2003 EN 60950-1:2001 |
Similar Part No. - ACS712ELCTR-30A-T |
|
Similar Description - ACS712ELCTR-30A-T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |