Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M30624MHP-XXXGP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M30624MHP-XXXGP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M30624MHP-XXXGP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M30624MHP-XXXGP Datasheet HTML 7Page - Renesas Technology Corp M30624MHP-XXXGP Datasheet HTML 8Page - Renesas Technology Corp M30624MHP-XXXGP Datasheet HTML 9Page - Renesas Technology Corp M30624MHP-XXXGP Datasheet HTML 10Page - Renesas Technology Corp M30624MHP-XXXGP Datasheet HTML 11Page - Renesas Technology Corp M30624MHP-XXXGP Datasheet HTML 12Page - Renesas Technology Corp M30624MHP-XXXGP Datasheet HTML 13Page - Renesas Technology Corp M30624MHP-XXXGP Datasheet HTML 14Page - Renesas Technology Corp M30624MHP-XXXGP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 87 page
background image
1. Overview
M16C/62 Group (M16C/62P, M16C/62PT)
4
8
f
o
3
0
0
2
,
7
0
.
v
o
N
0
1
.
2
.
v
e
R
page 11
product
code
Package
Internal ROM
(user ROM area without block 1)
Program and
erase endurance
Temperature
range
Internal ROM
(block A, block 1)
Operating ambient
temperature
Temperature
range
Lead-free
Lead-included
D3
D5
D7
D9
U3
U5
U7
U9
100
1,000
100
1,000
0°C to 60°C
100
10,000
100
10,000
0°C to 60°C
0°C to 60°C
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
Lead-free
D3
D5
U3
U5
-40°C to 85°C
-20°C to 85°C
-40°C to 85°C
-20°C to 85°C
Lead-included
Flash
memory
version
External
ROM
version
Program and
erase endurance
Table 1.8 Product Code of Flash Memory version and External ROM version for M16C/62P
M1 6 C
M 30626 F H P F P
BD 5
XXXXXX X
Type No. (See Figure 1.3 Type No., Memory Size, and Package)
Chip version and product code.
B
: Shows chip version.
Henceforth, whenever it changes a version, it continues with B, C, and D.
D5 : Shows Product code. (See table 1.8 Product Code.)
Data code seven digits
The product without marking of chip version of the flash memory version and the ROM external version
corresponds to the chip version “A”.
Figure 1.4 Marking Diagram of Flash Memory version and External ROM version for M16C/62P (Top View)


Similar Part No. - M30624MHP-XXXGP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M30624MHP-XXXGP RENESAS-M30624MHP-XXXGP Datasheet
1Mb / 101P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30624MHP-XXXGP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com