Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI4914DY Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI4914DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4914DY Datasheet(HTML) 4 Page - Vishay Siliconix

  SI4914DY Datasheet HTML 1Page - Vishay Siliconix SI4914DY Datasheet HTML 2Page - Vishay Siliconix SI4914DY Datasheet HTML 3Page - Vishay Siliconix SI4914DY Datasheet HTML 4Page - Vishay Siliconix SI4914DY Datasheet HTML 5Page - Vishay Siliconix SI4914DY Datasheet HTML 6Page - Vishay Siliconix SI4914DY Datasheet HTML 7Page - Vishay Siliconix SI4914DY Datasheet HTML 8Page - Vishay Siliconix SI4914DY Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number: 72938
S-61959-Rev. C, 09-Oct-06
Vishay Siliconix
Si4914DY
CHANNEL-1 TYPICAL CHARACTERISTICS 25 °C, unless noted
Source-Drain Diode Forward Voltage
Threshold Voltage
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 150 °C
40
10
1
VSD – Source-to-Drain Voltage (V)
TJ = 25 °C
- 0.8
- 0.6
- 0.4
- 0.2
0.0
0.2
0.4
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ – Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.02
0.04
0.06
0.08
0.10
0
2468
10
VGS – Gate-to-Source Voltage (V)
ID = 7 A
0.001
0
1
200
80
120
10
0.1
Time (sec)
40
160
0.01
Safe Operating Area
VDS – Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TC = 25 °C
Single Pulse
0.1
IDM Limited
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
1 ms
10 ms
100 ms
dc
1 s
10 s


Similar Part No. - SI4914DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4914DY VISHAY-SI4914DY Datasheet
107Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI4914DY VISHAY-SI4914DY_V01 Datasheet
107Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
More results

Similar Description - SI4914DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com