Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WF108 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WF108
Description  DC/DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF108 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WF108 Datasheet HTML 1Page - List of Unclassifed Manufacturers WF108 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25/30 Watts
WF Series
2:1 Input Range
Efficiency to 85%
300kHz Switching Frequency
Overvoltage Protection
Remote Disable
Six-sided Shield
External Output Trim
Specification
All specifications are typical at 25°C, nominal line & 75% load
Intelligent Design Quality Product
XPiQ inc.
DC/DC Converters
Input
Input Voltage Range
See Table
Input Filter
π Type
Output
Voltage Accuracy
Single output, ±2% max.
Dual + output, ±2% max.
Dual - output, ±3% max.
Triple 5V, ±2% max.
12V/15V, ±5% max.
Voltage Balance
Dual Output at full load
±1% max.
Transient Response
Single, 25% Step Load Change
<500µ sec
Dual, FL=1/2L±1% Error Band
<500µ sec
External Trim
Adj. Range
±10%
Ripple & Noise
10mV RMS, max
(20MHz BW)
75m V p-p max.
Temperature
±0.02%/°C max.
Coefficient
Short Circuit
Indefinite
Protection
Line Regulation
Single/Dual Output
±0.5% max.
Triple Output
±1.0% max.
Load Regulation
Single/Dual Output
±1.0% max.
Triple Output
±5.0% max.
General
Efficiency
See Table
Isolation Voltage
500 VDC min
Isolation Resistance
109 ohms min.
Switching
300 kHz
Frequency
Case Grounding
Capacity Coupled to Input
Operating Temperature •
-25°C to +100°C
Range
Storage Temperature
-55°C to +105°C
Range
Environmental
EMI/RFI
Six-sided Continuous Shield
Case Temperature
100°C max
Case Material
Black Coated Copper with
Non-Conductive Base
Dimensions
2 x 2 x 0.40 inches
(50.8 x 50.8 x 10.2 mm)
Safety Approvals
UL1950 for U versions only
PH: 508 429.9883
FAX: 800 226.2100
Email: sales@xp-iq.com
Holliston, MA 01746 USA
www.XP-iQ.com
39
021-040
3/5/02
4:04 pm
Page 19


Similar Part No. - WF108

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WF108 XPPOWER-WF108 Datasheet
86Kb / 2P
   DC-DC Power Supplies
WF108 XPPOWER-WF108 Datasheet
297Kb / 2P
   DC-DC Power Supplies
logo
celduc-relais
WF108110 CELDUC-WF108110 Datasheet
750Kb / 1P
   Heatsink with DIN rail adaptator
More results

Similar Description - WF108

ManufacturerPart #DatasheetDescription
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com