Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA353NA Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA353NA
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA353NA Datasheet(HTML) 3 Page - Texas Instruments

  OPA353NA Datasheet HTML 1Page - Texas Instruments OPA353NA Datasheet HTML 2Page - Texas Instruments OPA353NA Datasheet HTML 3Page - Texas Instruments OPA353NA Datasheet HTML 4Page - Texas Instruments OPA353NA Datasheet HTML 5Page - Texas Instruments OPA353NA Datasheet HTML 6Page - Texas Instruments OPA353NA Datasheet HTML 7Page - Texas Instruments OPA353NA Datasheet HTML 8Page - Texas Instruments OPA353NA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
®
OPA353, 2353, 4353
PACKAGE/ORDERING INFORMATION
Supply Voltage ................................................................................... 5.5V
Signal Input Terminals, Voltage(2) .................. (V–) – 0.3V to (V+) + 0.3V
Current(2) .................................................... 10mA
Output Short-Circuit(3) .............................................................. Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may de-
grade device reliability. (2) Input terminals are diode-clamped to the power
supply rails. Input signals that can swing more than 0.3V beyond the supply
rails should be current-limited to 10mA or less. (3) Short circuit to ground,
one amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
PIN CONFIGURATION
Top View
SO-14
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility
for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or
licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support
devices and/or systems.
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4353
AD
BC
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER(1)
RANGE
MARKING
NUMBER(2)
MEDIA
Single
OPA353NA
5-Lead SOT-23-5
331
–40
°C to +85°C
D53
OPA353NA /250
Tape and Reel
""
"
"
"
OPA353NA /3K
Tape and Reel
OPA353UA
SO-8 Surface Mount
182
–40
°C to +85°C
OPA353UA
OPA353UA
Rails
""
"
"
"
OPA353UA /2K5
Tape and Reel
Dual
OPA2353EA
MSOP-8 Surface Mount
337
–40
°C to +85°C
E53
OPA2353EA /250
Tape and Reel
""
"
"
"
OPA2353EA/2K5
Tape and Reel
OPA2353UA
SO-8 Surface Mount
182
–40
°C to +85°C
OPA2353UA
OPA2353UA
Rails
""
"
"
"
OPA2353UA/2K5
Tape and Reel
Quad
OPA4353EA
SSOP-16 Surface Mount
322
–40
°C to +85°C
OPA4353EA
OPA4353EA /250
Tape and Reel
""
"
"
"
OPA4353EA/2K5
Tape and Reel
OPA4353UA
SO-14 Surface Mount
235
–40
°C to +85°C
OPA4353UA
OPA4353UA
Rails
""
"
"
"
OPA4353UA/2K5
Tape and Reel
NOTES: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book. (2) Models with a slash (/) are
available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500 pieces of “OPA2353EA/2K5” will get a single
2500-piece Tape and Reel. For detailed Tape and Reel mechanical information, refer to Appendix B of Burr-Brown IC Data Book.


Similar Part No. - OPA353NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353NA TI-OPA353NA Datasheet
1Mb / 26P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail PERATIONAL AMPLIFIERS
OPA353NA TI-OPA353NA Datasheet
169Kb / 10P
[Old version datasheet]   ADS78/8505EVM Users Guide
December 2004
OPA353NA/250 TI1-OPA353NA/250 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353NA/250G4 TI1-OPA353NA/250G4 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA353NA/3K TI1-OPA353NA/3K Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA353NA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA353 TI1-OPA353_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA350UA TI1-OPA350UA Datasheet
1Mb / 28P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
[Old version datasheet]   SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
[Old version datasheet]   SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA350 BURR-BROWN-OPA350_05 Datasheet
705Kb / 24P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Texas Instruments
OPA2353EA TI-OPA2353EA Datasheet
1Mb / 27P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier Series
OPA2350EA250G4 TI-OPA2350EA250G4 Datasheet
1Mb / 29P
[Old version datasheet]   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifierSeries
logo
Burr-Brown (TI)
OPA353 BURR-BROWN-OPA353 Datasheet
192Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA350 BURR-BROWN-OPA350 Datasheet
205Kb / 11P
   High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com