Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2579S85PFI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71V2579S85PFI
Description  128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2579S85PFI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71V2579S85PFI Datasheet HTML 1Page - Integrated Device Technology IDT71V2579S85PFI Datasheet HTML 2Page - Integrated Device Technology IDT71V2579S85PFI Datasheet HTML 3Page - Integrated Device Technology IDT71V2579S85PFI Datasheet HTML 4Page - Integrated Device Technology IDT71V2579S85PFI Datasheet HTML 5Page - Integrated Device Technology IDT71V2579S85PFI Datasheet HTML 6Page - Integrated Device Technology IDT71V2579S85PFI Datasheet HTML 7Page - Integrated Device Technology IDT71V2579S85PFI Datasheet HTML 8Page - Integrated Device Technology IDT71V2579S85PFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
6.42
2
IDT71V2577, IDT71V2579, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
2.5V I/O, Flow-Through Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
Pin Definition(1)
NOTE:
1. All synchronous inputs must meet specified setup and hold times with respect to CLK.
Symbol
Pin Function
I/O
Active
Description
A0-A17
Address Inputs
I
N/A
Synchronous Address inputs. The address register is triggered by a combi-nation of the rising
edge of CLK and
ADSC Low or ADSP Low and CE Low.
ADSC
Address Status
(Cache Controller)
I
LOW
Synchronous Address Status from Cache Controller.
ADSC is an active LOW input that is
used to load the address registers with new addresses.
ADSP
Address Status
(Processor)
I
LOW
Synchronous Address Status from Processor.
ADSP is an active LOW input that is used to
load the address registers with new addresses.
ADSP is gated by CE.
ADV
Burst Address
Advance
I
LOW
Synchronous Address Advance.
ADV is an active LOW input that is used to advance the
internal burst counter, controlling burst access after the initial address is loaded. When the
input is HIGH the burst counter is not incremented; that is, there is no address advance.
BWE
Byte Write Enable
I
LOW
Synchronous byte write enable gates the byte write inputs
BW1-BW4. If BWE is LOW at the
rising edge of CLK then
BWx inputs are passed to the next stage in the circuit. If BWE is
HIGH then the byte write inputs are blocked and only
GW can initiate a write cycle.
BW1-BW4
Individual Byte
Write Enables
I
LOW
Synchronous byte write enables.
BW1 controls I/O0-7, I/OP1, BW2 controls I/O8-15, I/OP2, etc.
Any active byte write causes all outputs to be disabled.
CE
Chip Enable
I
LOW
Synchronous chip enable.
CE is used with CS0 and CS1 to enable the IDT71V2577/79. CE
also gates
ADSP.
CLK
Clock
I
N/A
This is the clock input. All timing references for the device are made with respect to this
input.
CS0
Chip Select 0
I
HIGH
Synchronous active HIGH chip select. CS0 is used with
CE and CS1 to enable the chip.
CS1
Chip Select 1
I
LOW
Synchronous active LOW chip select.
CS1 is used with CE and CS0 to enable the chip.
GW
Global Write
Enable
I
LOW
Synchronous global write enable. This input will write all four 9-bit data bytes when LOW on
the rising edge of CLK.
GW supersedes individual byte write enables.
I/O0-I/O31
I/OP1-I/OP4
Data Input/Output
I/O
N/A
Synchronous data input/output (I/O) pins. The data input path is registered, triggered by the
rising edge of CLK. The data output path is flow-through (no output register).
LBO
Linear Burst Order
I
LOW
Asynchronous burst order selection input. When
LBO is HIGH, the inter-leaved burst
sequence is selected. When
LBO is LOW the Linear burst sequence is selected. LBO is a
static input and must not change state while the device is operating.
OE
Output Enable
I
LOW
Asynchronous output enable. When
OE is LOW the data output drivers are enabled on the
I/O pins if the chip is also selected. When
OE is HIGH the I/O pins are in a high-impedance
state.
VDD
Power Supply
N/A
N/A
3.3V core power supply.
VDDQ
Power Supply
N/A
N/A
2.5V I/O Supply.
VSS
Ground
N/A
N/A
Ground.
NC
No Connect
N/A
N/A
NC pins are not electrically connected to the device.
ZZ
Sleep Mode
1
HIGH
Asynchronous sleep mode input. ZZ HIGH will gate the CLK internally and power down the
IDT71V2577/79 to its lowest power consumption level. Data retention is guaranteed in
Sleep Mode.
4877 tbl 02


Similar Part No. - IDT71V2579S85PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2579S85PFI IDT-IDT71V2579S85PFI Datasheet
290Kb / 22P
   128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect
More results

Similar Description - IDT71V2579S85PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3577S IDT-IDT71V3577S Datasheet
521Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V67702 IDT-IDT71V67702 Datasheet
514Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V67703 IDT-IDT71V67703 Datasheet
975Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V2577S IDT-IDT71V2577S Datasheet
290Kb / 22P
   128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect
logo
Renesas Technology Corp
71V67703 RENESAS-71V67703 Datasheet
301Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
Aug.11.21
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com