Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM66051.5TB3T Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # GM66051.5TB3T
Description  5.0A PRECISION LINEAR REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GM66051.5TB3T Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  GM66051.5TB3T Datasheet HTML 1Page - List of Unclassifed Manufacturers GM66051.5TB3T Datasheet HTML 2Page - List of Unclassifed Manufacturers GM66051.5TB3T Datasheet HTML 3Page - List of Unclassifed Manufacturers GM66051.5TB3T Datasheet HTML 4Page - List of Unclassifed Manufacturers GM66051.5TB3T Datasheet HTML 5Page - List of Unclassifed Manufacturers GM66051.5TB3T Datasheet HTML 6Page - List of Unclassifed Manufacturers GM66051.5TB3T Datasheet HTML 7Page - List of Unclassifed Manufacturers GM66051.5TB3T Datasheet HTML 8Page - List of Unclassifed Manufacturers GM66051.5TB3T Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
P
G
8
GM6605
TO-252 PACKAGE OUTLINE DIMENSIONS
Pad Layout
0.244
6.20
0.228
5.80
0.118
3.0
0.063
1.6
0.243
6.172
0.101
2.58
Inches
mm
(
)
6.50 ± 0.05
5.340 ± 0.05
29° ± 0.5°
REF 0.6
6.10 ± 0.05
7.20 ± 0.05
0.75 ± 0.10
0.89 ± 0.05
0.81 ± 0.038
2.30 ± 0.05
0.508 ± 0.0127
0.070 ± 0.05
1.0 ± 0.05
0.75 ± 0.10
1.525 ± 0.10
2.70 ± 0.10
9.900
R0.15 max
Unit: mm
R 0.25 ± 0.13
TO-263-2 PACKAGE OUTLINE DIMENSIONS
Pad Layout
9.90 ± 0.20
15°
0.40
1.50 DP0.20
9.20 ± 0.20
4.90 ± 0.20
15.3 ± 0.20
1.27 ± 0.10
0.90 ± 0.10
2.54 TYP
(2.54 ± 0.20)
1.4 ± 0.20
4.50 ± 0.20
1.30
+0.1
-0.05
0.10 ± 0.01
2.40 ± 0.20
2.00 ± 0.10
R0.30
R0.30
2.54 ± 0.10
0.50
+0.1
-0.05
4.0
7.0
10.0 ± 0.20
0.40
0.90
7.2
9.20 ± 0.20
4.90 ± 0.20
Unit: mm
10.00 ± 0.20
0.33
8.38
0.63
17.02
0.12
3.05
0.04
1.016
0.24
6.096
0.42
10.66
Inches
mm
(
)
1.20
R 0.45
0.75
R 0.3


Similar Part No. - GM66051.5TB3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
2Mb / 1P
   Adjustable Shunt Regulators
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
GM6605-1.5TA3R GAMMA-GM6605-1.5TA3R Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605-1.5TA3T GAMMA-GM6605-1.5TA3T Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
More results

Similar Description - GM66051.5TB3T

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6605 GAMMA-GM6605 Datasheet
289Kb / 10P
   5.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
List of Unclassifed Man...
GM6603 ETC2-GM6603 Datasheet
147Kb / 10P
   3.0A PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM6603 GAMMA-GM6603 Datasheet
288Kb / 11P
   3.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Weitron Technology
WT1117A WEITRON-WT1117A Datasheet
652Kb / 11P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
logo
Gamma Microelectronics ...
GM1117 GAMMA-GM1117 Datasheet
227Kb / 13P
   1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
GM6605 GAMMA-GM6605_1 Datasheet
195Kb / 11P
   5.0A LOW DROPOUT PRECISION REGULATOR
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
SG Micro Corp
SGM2023 SGMICRO-SGM2023 Datasheet
309Kb / 12P
   RF-Linear Regulators
SGM2030 SGMICRO-SGM2030 Datasheet
296Kb / 12P
   RF- Linear Regulators
SGM2024 SGMICRO-SGM2024 Datasheet
325Kb / 12P
   RF-Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com