Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5488ETE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5488ETE
Description  Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5488ETE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5488ETE Datasheet HTML 1Page - Maxim Integrated Products MAX5488ETE Datasheet HTML 2Page - Maxim Integrated Products MAX5488ETE Datasheet HTML 3Page - Maxim Integrated Products MAX5488ETE Datasheet HTML 4Page - Maxim Integrated Products MAX5488ETE Datasheet HTML 5Page - Maxim Integrated Products MAX5488ETE Datasheet HTML 6Page - Maxim Integrated Products MAX5488ETE Datasheet HTML 7Page - Maxim Integrated Products MAX5488ETE Datasheet HTML 8Page - Maxim Integrated Products MAX5488ETE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Dual, 256-Tap, Nonvolatile, SPI-Interface,
Linear-Taper Digital Potentiometers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ...........................................................-0.3V to +6.0V
All Other Pins
to GND......................-0.3V to the lower of (VDD + 0.3V) and +6.0V
Maximum Continuous Current into H_, W_, and L_
MAX5487......................................................................
±5.0mA
MAX5488......................................................................
±1.3mA
MAX5489......................................................................
±0.6mA
Continuous Power Dissipation (TA = +70
°C)
16-Pin Thin QFN (derate 17.5mW/
°C above +70°C).....1398mW
Operating Temperature Range ...........................-40
°C to +85°C
Junction Temperature ......................................................+150
°C
Storage Temperature Range .............................-60
°C to +150°C
Lead Temperature (soldering, 10s) .................................+300
°C
DC ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, VH = VDD, VL = GND, TA = -40
°C to +85°C, unless otherwise noted. Typical values are at VDD = +5.0V,
TA = +25
°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC PERFORMANCE (Voltage-Divider Mode, Figure 1)
Resolution
N
256
Taps
Integral Nonlinearity
INL
(Note 2)
±1
LSB
Differential Nonlinearity
DNL
(Note 2)
±0.5
LSB
Dual-Code Matching
Register A = register B
2
LSB
End-To-End Resistor Tempco
TCR
35
ppm/°C
Ratiometric Resistor Tempco
5
ppm/°C
MAX5488
-0.6
+1.2
Full-Scale Error
MAX5489
-0.3
+1.2
LSB
MAX5488
0.6
1.5
Zero-Scale Error
MAX5489
0.3
1
LSB
DC PERFORMANCE (Variable-Resistor Mode, Figure 1)
Resolution
256
Taps
VDD = 5.0V
±1.5
Integral Nonlinearity (Note 3)
MAX5488/MAX5489
VDD = 3.0V
±3
VDD = 5.0V
±1
Differential Nonlinearity (Note 3)
MAX5488/MAX5489
VDD = 3.0V
±1
LSB
DC PERFORMANCE (Resistor Characteristics)
VDD = 5.0V
200
350
Wiper Resistance (Note 4)
RW
VDD = 3.0V
325
675
Wiper Capacitance
CW
50
pF
MAX5487
7.5
10
12.5
MAX5488
37.5
50
62.5
End-to-End Resistance
RHL
MAX5489
75
100
125
k


Similar Part No. - MAX5488ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5488ETE++ MAXIM-MAX5488ETE+ Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
More results

Similar Description - MAX5488ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5487 MAXIM-MAX5487_10 Datasheet
417Kb / 13P
   Dual, 256-Tap, Nonvolatile, SPI-Interface, Linear-Taper Digital Potentiometers
Rev 4; 4/10
MAX5422 MAXIM-MAX5422 Datasheet
611Kb / 11P
   256-Tap, Nonvolatile, SPI-Interface, Digital Potentiometers
Rev 0; 7/04
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5477 MAXIM-MAX5477_11 Datasheet
318Kb / 16P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 5; 11/11
MAX5477 MAXIM-MAX5477_06 Datasheet
716Kb / 17P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 1/06
MAX5477-MAX5479 MAXIM-MAX5477-MAX5479 Datasheet
383Kb / 15P
   Dual, 256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 12/04
MAX5417 MAXIM-MAX5417 Datasheet
796Kb / 15P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 2; 8/04
MAX5417 MAXIM-MAX5417_09 Datasheet
289Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 3; 3/09
MAX5417LETA-T MAXIM-MAX5417LETA-T Datasheet
296Kb / 14P
   256-Tap, Nonvolatile, I2C-Interface, Digital Potentiometers
Rev 4; 4/10
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com