Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12029IB27AZ-T Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL12029IB27AZ-T
Description  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12029IB27AZ-T Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL12029IB27AZ-T Datasheet HTML 6Page - Intersil Corporation ISL12029IB27AZ-T Datasheet HTML 7Page - Intersil Corporation ISL12029IB27AZ-T Datasheet HTML 8Page - Intersil Corporation ISL12029IB27AZ-T Datasheet HTML 9Page - Intersil Corporation ISL12029IB27AZ-T Datasheet HTML 10Page - Intersil Corporation ISL12029IB27AZ-T Datasheet HTML 11Page - Intersil Corporation ISL12029IB27AZ-T Datasheet HTML 12Page - Intersil Corporation ISL12029IB27AZ-T Datasheet HTML 13Page - Intersil Corporation ISL12029IB27AZ-T Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
FN6206.6
October 18, 2006
microcontroller for active compensation. X2 is intended to
drive a crystal only, and should not drive any external circuit.
NO EXTERNAL COMPENSATION RESISTORS OR
CAPACITORS ARE NEEDED OR ARE RECOMMENDED
TO BE CONNECTED TO THE X1 AND X2 PINS.
Real Time Clock Operation
The Real Time Clock (RTC) uses an external 32.768kHz
quartz crystal to maintain an accurate internal representation
of the second, minute, hour, day, date, month, and year. The
RTC has leap-year correction. The clock also corrects for
months having fewer than 31 days and has a bit that controls
24 hour or AM/PM format. When the ISL12029 powers up
after the loss of both VDD and VBAT, the clock will not
operate until at least one byte is written to the clock register.
Reading the Real Time Clock
The RTC is read by initiating a Read command and
specifying the address corresponding to the register of the
Real Time Clock. The RTC Registers can then be read in a
Sequential Read Mode. Since the clock runs continuously
and read takes a finite amount of time, there is a possibility
that the clock could change during the course of a read
operation. In this device, the time is latched by the read
command (falling edge of the clock on the ACK bit prior to
RTC data output) into a separate latch to avoid time changes
during the read operation. The clock continues to run.
Alarms occurring during a read are unaffected by the read
operation.
Writing to the Real Time Clock
The time and date may be set by writing to the RTC
registers. RTC Register should be written ONLY with Page
Write. To avoid changing the current time by an uncompleted
write operation, write to the all 8 bytes in one write operation.
When writing the RTC registers, the new time value is
loaded into a separate buffer at the falling edge of the clock
during the Acknowledge. This new RTC value is loaded into
the RTC Register by a stop bit at the end of a valid write
sequence. An invalid write operation aborts the time update
procedure and the contents of the buffer are discarded. After
a valid write operation the RTC will reflect the newly loaded
data beginning with the next “one second” clock cycle after
the stop bit is written. The RTC continues to update the time
while an RTC register write is in progress and the RTC
continues to run during any nonvolatile write sequences.
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
accuracy of the quartz crystal that is used as the time base
for the RTC. Since the resonant frequency of a crystal is
temperature dependent, the RTC performance will also be
dependent upon temperature. The frequency deviation of
the crystal is a function of the turnover temperature of the
crystal from the crystal’s nominal frequency. For example, a
>20ppm frequency deviation translates into an accuracy of
>1 minute per month. These parameters are available from
the crystal manufacturer. Intersil’s RTC family provides on-
chip crystal compensation networks to adjust load-
capacitance to tune oscillator frequency from -34ppm to
+80ppm when using a 12.5pF load crystal. For more detailed
information see the Application section.
Clock/Control Registers (CCR)
The Control/Clock Registers are located in an area separate
from the EEPROM array and are only accessible following a
slave byte of “1101111x” and reads or writes to addresses
[0000h:003Fh]. The clock/control memory map has memory
addresses from 0000h to 003Fh. The defined addresses are
described in Table 2. Writing to and reading from the
undefined addresses are not recommended.
CCR Access
The contents of the CCR can be modified by performing a
byte or a page write operation directly to any address in the
CCR. Prior to writing to the CCR (except the status register),
however, the WEL and RWEL bits must be set using a three
step process (See section “Writing to the Clock/Control
Registers.”)
The CCR is divided into 5 sections. These are:
1. Alarm 0 (8 bytes; non-volatile)
2. Alarm 1 (8 bytes; non-volatile)
3. Control (5 bytes; non-volatile)
4. Real Time Clock (8 bytes; volatile)
5. Status (1 byte; volatile)
Each register is read and written through buffers. The non-
volatile portion (or the counter portion of the RTC) is updated
only if RWEL is set and only after a valid write operation and
stop bit. A sequential read or page write operation provides
access to the contents of only one section of the CCR per
operation. Access to another section requires a new
operation. A read or write can begin at any address in the
CCR.
It is not necessary to set the RWEL bit prior to writing the
status register. Section 5 (status register) supports a single
byte read or write only. Continued reads or writes from this
section terminates the operation.
The state of the CCR can be read by performing a random
read at any address in the CCR at any time. This returns the
contents of that register location. Additional registers are
X1
X2
FIGURE 11. RECOMMENDED CRYSTAL CONNECTION
ISL12029


Similar Part No. - ISL12029IB27AZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12029IB27AZ INTERSIL-ISL12029IB27AZ Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029IB27AZ INTERSIL-ISL12029IB27AZ Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12029IB27AZ RENESAS-ISL12029IB27AZ Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results

Similar Description - ISL12029IB27AZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com