Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWIXP420BD Datasheet(PDF) 8 Page - Intel Corporation

Part # FWIXP420BD
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXP420BD Datasheet(HTML) 8 Page - Intel Corporation

Back Button FWIXP420BD Datasheet HTML 4Page - Intel Corporation FWIXP420BD Datasheet HTML 5Page - Intel Corporation FWIXP420BD Datasheet HTML 6Page - Intel Corporation FWIXP420BD Datasheet HTML 7Page - Intel Corporation FWIXP420BD Datasheet HTML 8Page - Intel Corporation FWIXP420BD Datasheet HTML 9Page - Intel Corporation FWIXP420BD Datasheet HTML 10Page - Intel Corporation FWIXP420BD Datasheet HTML 11Page - Intel Corporation FWIXP420BD Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Pro-
cessor
March 2005
Datasheet
8
Document Number: 252479, Revision: 005
Revision History
Date
Revision
Description
March 2005
005
1.
Rearranged product features lists in Section 1.2, “Product
Features”
2.
Added two new columns to Table 3 to indicate Software
Enable/Disable, and IXP423 network processor features
3.
Replaced network processor block diagrams: Figure 1,
Figure 2, Figure 3, Figure 4, and Figure 5
4.
Added new row for the IXP423 network processor to
Table 4, “Processor Functions”
5.
Corrected the PCI_IDSEL definition in Table 7, “PCI
Controller”
6.
Added pull-up resistor requirement for the ETH_MDIO pin
in Table 10, “MII Interfaces”
7.
Added footnote to Table 18, “System Interface††”
regarding system level reset
8.
Added part number for IXP423 on Table 20, “Part
Numbers”
9.
Added note 4 to Table 26, “PCI DC Parameters”
10.
Changed VIH “Minimum” parameter to 2.0 in Table 27,
“USB v1.1 DC Parameters” (see the Intel® IXP4XX
Product Line of Network Processors Specification Update
(306428)); added note 2
11.
Added new paragraph to Section 5.5.1.1, “Processor
Clock Timings” regarding crystal oscillators application
12.
Added footnote regarding PLL operation at the lowest
slew rate to Table 39, “Device Clock Timings (Oscillator
Reference)” and Table 40, “Device Clock Timings
(Crystal Reference)”
13.
Added footnote to Table 49, “MII Input Timings Values”
and Table 50, “MDIO Timings Values”
14.
Inserted new Figure 26, “Signal Timing With Respect to
Clock Rising Edge”
15.
Replaced Expansion Bus figures: Figure 26–Figure 40
16.
Updated Table 53, “Signal Timing With Respect to Clock
Rising Edge”
17.
Updated Trdsetup and Trdhold values in Table 54, Table
55, Table 56 and Table 57
18.
Added footnotes to Table 61, “HPI-16 Multiplexed Read
Accesses Values”
19.
Replaced Table 67, “ICC and Total Average Power –
Commercial Temperature Range” , and inserted new
Table 68, “ICC and Total Average Power – Extended
Temperature Range”
June 2004
004
Updated Intel® product branding. Change bars are retained from
the previous release of this document (-003).
April 2004
003
Incorporated specification changes, specification clarifications and
document changes from the Intel® IXP42X Product Line of
Network Processors and IXC1100 Control Plane Processor
Specification Update (252702-003).
May 2003
002
Incorporated specification changes, specification clarifications and
document changes from the Intel® IXP42X Product Line of
Network Processors Specification Update (252702-001).
Incorporated information for the Intel® IXC1100 Control Plane
Processor.
February 2003
001
Initial release of this document. Document reissued, without
“Confidential” marking.


Similar Part No. - FWIXP420BD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FWIXP425AB INTEL-FWIXP425AB Datasheet
273Kb / 4P
   Optimized for Broadband Applications
FWIXP425AC INTEL-FWIXP425AC Datasheet
273Kb / 4P
   Optimized for Broadband Applications
FWIXP425AD INTEL-FWIXP425AD Datasheet
273Kb / 4P
   Optimized for Broadband Applications
More results

Similar Description - FWIXP420BD

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PRIXP425BD INTEL-PRIXP425BD Datasheet
2Mb / 112P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
   Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
   Product Line of Network Processors
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
   Intel IXP43X Product Line of Network Processors
EP80579 INTEL-EP80579 Datasheet
19Mb / 1916P
   Intel짰 EP80579 Integrated Processor Product Line
IXP2400 INTEL-IXP2400 Datasheet
2Mb / 126P
   Intel짰 IXP2400 Network Processor
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
Broadcom Corporation.
BCM5365 BOARDCOM-BCM5365 Datasheet
131Kb / 2P
   SENTRY 5 PRODUCT LINE: SECURED SWITCH PROCESSORS
logo
Axiomtek Co., Ltd.
NA361 AXIOMTEK-NA361 Datasheet
381Kb / 1P
   Compact Network Appliance Platform with Intel짰 Atom??Rangeley Processor and 6 LANs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com