Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF8 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8
Description  4th-Order Switched Capacitor Bandpass Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MF8 Datasheet HTML 1Page - National Semiconductor (TI) MF8 Datasheet HTML 2Page - National Semiconductor (TI) MF8 Datasheet HTML 3Page - National Semiconductor (TI) MF8 Datasheet HTML 4Page - National Semiconductor (TI) MF8 Datasheet HTML 5Page - National Semiconductor (TI) MF8 Datasheet HTML 6Page - National Semiconductor (TI) MF8 Datasheet HTML 7Page - National Semiconductor (TI) MF8 Datasheet HTML 8Page - National Semiconductor (TI) MF8 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VS e Va b Vb)
b
03V to a15V
Voltage at any Input (Note 2)
Vb b03V to Va a03V
Input Current at any Input Pin (Note 2)
g
1mA
Output Short-Circuit Current (Note 7)
g
1mA
Power Dissipation (Note 3)
500 mW
Storage Temperature
b
65 Cto a150 C
Soldering Information
J Package
10 sec
260 C
N Package
10 sec
300 C
SO Package
Vapor Phase (60 sec)
215 C
Infrared (15 sec)
220 C
ESD rating is to be determined
See AN-450 ‘‘Surface Mounting Methods and Their Effect
on Product Reliability’’ for other methods of soldering sur-
face mount devices
Operating Ratings (Note 1)
Temperature Range
TMIN s TA s TMAX
MF8CCN
0 C s TA s a70 C
MF8CCJ
b
40 C s TA s a85 C
Supply Voltage (VS e Va b Vb)
a
9V to a14V
fCLK c Q Range
for 10 Hz s fCLK s 250 kHz
any Q
for 250 kHz s fCLK s 1 MHz
fCLK c Q s 5 MHz
Filter Electrical Characteristics The following specifications apply for Va ea5V Vb eb5V CLOAD e
50 pF and RLOAD e 50 kX on filter output unless otherwise specified Boldface limits apply for TMIN to TMAX all other limits
TA e TJ e 25 C
MF8CCN
MF8CCJ
Symbol
Parameter
Conditions
Typical
Tested
Design
Typical
Tested
Design
Units
(Notes 4 5)
(Note 9)
Limit
Limit
(Note 9)
Limit
Limit
(Note 10) (Note 11)
(Note 10)
(Note 11)
Ho
Gain at fo
fCLK e 250 kHz
602 g 05
602 g02
602 g005
602 g02
dB
QQ
1001
392 g2% 392 g10%
392 g2%
392 g10%
RfCLK fo
ABCDE e 11100
992 g03% 992 g1%
992 g03%
992 g1%
Ho
Gain at fo
fCLK e 250 kHz
602 g02
602 g05
602 g02
602 g05
dB
QQ
1001
155 g3% 155 g12%
155 g3%
155 g12%
RfCLK fo
ABCDE e 10011
997 g03% 997 g1%
997 g03%
997g1%
Ho
Gain at fo
fCLK e 250 kHz
585 g04
585 g1
585 g04
585 g1dB
QQ
501
55 g5%
55 g14%
55 g5%
55 g14%
RfCLK fo
ABCDE e 00001
499 g02% 499 g1%
499 g02%
499 g1%
Ho
Gain at fo
VS e g5V g5%
602 g05
602
602 g05
602 g15 dB
fCLK s 250 kHz
g
15
D
QQTH Q Deviation from VS e g5V g5%
Theoretical
fCLK s 250 kHz Q l 1
g
5%
g
15%
g
5%
g
15%
(See Table I)
fCLK s 100 kHz
1 k Q k 57
g
2%
g
6%
g
2%
g
6%
D
RRTH fCLK fo Deviation VS e g5V g5%
from Theoretical fCLK s 250 kHz
g
03%
g
1%
g
03%
g
1%
(See Table I)
QQ
fCLK e 250 kHz 501
106 g2%
106
106 g2% 106 g10%
ABCDE e 00110
g
10%
Dynamic Range ABCDE e 11100
86
86
dB
(Note 6)
ABCDE e 10011
80
80
dB
ABCDE e 00001
75
75
dB
Clock
Filter and Op Amp
Feedthrough
fCLK s 250 kHz
Q s 180
80
mV
Q l 140
40
mV
IS
Maximum Supply fCLK e 250 kHz no
912
12
9
13
mA
Current
loads on outputs
VOS
Maximum Filter
fCLK e 250 kHz Q e 4
Output Offset
501
g
40
g
120
g
40
g
120
mV
Voltage
1001
g
80
g
240
g
80
g
240
mV
VOUT
Minimum Filter
RLOAD e 5kX
g
41
g
38
g
38
g
41
g
36
V
Output Swing
(Note 6)
2


Similar Part No. - MF8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF80A00B1-1000U-A99 ETC-MF80A00B1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00O1-1000U-A99 ETC-MF80A00O1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00S1-1000U-A99 ETC-MF80A00S1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00V1-1000U-A99 ETC-MF80A00V1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00V2-1000U-A99 ETC-MF80A00V2-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
More results

Similar Description - MF8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
   4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
LMF90 NSC-LMF90 Datasheet
411Kb / 22P
   4th-Order Elliptic Notch Filter
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
logo
National Semiconductor ...
MF6 NSC-MF6 Datasheet
861Kb / 20P
   6th Order Switched Capacitor Butterworth Lowpass
LMF60 NSC-LMF60 Datasheet
391Kb / 20P
   LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com