Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWIXP422BB Datasheet(PDF) 90 Page - Intel Corporation

Part # FWIXP422BB
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXP422BB Datasheet(HTML) 90 Page - Intel Corporation

Back Button FWIXP422BB Datasheet HTML 86Page - Intel Corporation FWIXP422BB Datasheet HTML 87Page - Intel Corporation FWIXP422BB Datasheet HTML 88Page - Intel Corporation FWIXP422BB Datasheet HTML 89Page - Intel Corporation FWIXP422BB Datasheet HTML 90Page - Intel Corporation FWIXP422BB Datasheet HTML 91Page - Intel Corporation FWIXP422BB Datasheet HTML 92Page - Intel Corporation FWIXP422BB Datasheet HTML 93Page - Intel Corporation FWIXP422BB Datasheet HTML 94Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
March 2005
Datasheet
90
Document Number: 252479, Revision: 005
5.4.11
High-Speed and Console UART DC Parameters
5.4.12
GPIO DC Parameters
5.4.13
JTAG DC Parameters
Table 35.
UART DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT = -4 mA
2.4
V
VOL
Output-low voltage
IOUT = 4 mA
0.4
V
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
1
Note:
1.
These values are typical values seen by the manufacturing process and are not tested.
Table 36.
GPIO DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage for GPIO 0 to
GPIO 13
IOUT = -16 mA
2.4
V
VOL
Output-low voltage for GPIO 0 to
GPIO 13
IOUT = 16 mA
0.4
V
VOH
Output-high voltage for GPIO 14 and
GPIO 15
IOUT = -4 mA
2.4
V
VOL
Output-low voltage for GPIO 14 and
GPIO 15
IOUT = 4 mA
0.4
V
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
Table 37.
JTAG DC Parameters
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
Notes
VIH
Input-high voltage
2.0
V
VIL
Input-low voltage
0.8
V
VOH
Output-high voltage
IOUT = -4 mA
2.4
V
VOL
Output-low voltage
IOUT = 4 mA
0.4
V
IIL
Input-leakage current
0 < VIN < VCCP
-10
10
µA
CIN
Input-pin capacitance
5
pF
1
Note:
1.
These values are typical values seen by the manufacturing process and are not tested.


Similar Part No. - FWIXP422BB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FWIXP425AB INTEL-FWIXP425AB Datasheet
273Kb / 4P
   Optimized for Broadband Applications
FWIXP425AC INTEL-FWIXP425AC Datasheet
273Kb / 4P
   Optimized for Broadband Applications
FWIXP425AD INTEL-FWIXP425AD Datasheet
273Kb / 4P
   Optimized for Broadband Applications
More results

Similar Description - FWIXP422BB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PRIXP425BD INTEL-PRIXP425BD Datasheet
2Mb / 112P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
   Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
   Product Line of Network Processors
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
   Intel IXP43X Product Line of Network Processors
EP80579 INTEL-EP80579 Datasheet
19Mb / 1916P
   Intel짰 EP80579 Integrated Processor Product Line
IXP2400 INTEL-IXP2400 Datasheet
2Mb / 126P
   Intel짰 IXP2400 Network Processor
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
Broadcom Corporation.
BCM5365 BOARDCOM-BCM5365 Datasheet
131Kb / 2P
   SENTRY 5 PRODUCT LINE: SECURED SWITCH PROCESSORS
logo
Axiomtek Co., Ltd.
NA361 AXIOMTEK-NA361 Datasheet
381Kb / 1P
   Compact Network Appliance Platform with Intel짰 Atom??Rangeley Processor and 6 LANs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com