Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWIXP422BB Datasheet(PDF) 83 Page - Intel Corporation

Part # FWIXP422BB
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FWIXP422BB Datasheet(HTML) 83 Page - Intel Corporation

Back Button FWIXP422BB Datasheet HTML 79Page - Intel Corporation FWIXP422BB Datasheet HTML 80Page - Intel Corporation FWIXP422BB Datasheet HTML 81Page - Intel Corporation FWIXP422BB Datasheet HTML 82Page - Intel Corporation FWIXP422BB Datasheet HTML 83Page - Intel Corporation FWIXP422BB Datasheet HTML 84Page - Intel Corporation FWIXP422BB Datasheet HTML 85Page - Intel Corporation FWIXP422BB Datasheet HTML 86Page - Intel Corporation FWIXP422BB Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
83
5.2.2
VCCPLL2 Requirement
A parallel combination of a 10-nF capacitor — for bypass — and a 200-nF capacitor — for a first-
order filter with a cut-off frequency below 30 MHz — must be connected to the VCCPLL2 pin of the
IXP42X product line and IXC1100 control plane processors.
The ground of both capacitors should be connected to the nearest VSS supply pin. Both capacitors
should be located less than 0.5 inch away from the VCCPLL2 pin and the associated VSS pin. In
order to achieve the 200-nF capacitance, a parallel combination of two 100-nF capacitors may be
used as long as the capacitors are placed directly beside each other.
5.2.3
VCCOSCP Requirement
A single 170-nF capacitor must be connected between the VCCP_OSC pin and VSSP_OSC pin of the
IXP42X product line and IXC1100 control plane processors. This capacitor value provides both
bypass and filtering.
Figure 9.
VCCPLL1 Power Filtering Diagram
1.3 V
Intel
® IXP42X
Product Line /
Intel
® IXC1100
Control Plane
Processor
10 nF
VSS
VCCPLL1
100 nF
100 nF
VSS
B1680-03
Figure 10.
VCCPLL2 Power Filtering Diagram
Intel
® IXP42X
Product Line /
Intel
® IXC1100
Control Plane
Processor
1.3 V
10 nF
VSS
VCCPLL2
100 nF
100 nF
VSS
B1681-03


Similar Part No. - FWIXP422BB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
FWIXP425AB INTEL-FWIXP425AB Datasheet
273Kb / 4P
   Optimized for Broadband Applications
FWIXP425AC INTEL-FWIXP425AC Datasheet
273Kb / 4P
   Optimized for Broadband Applications
FWIXP425AD INTEL-FWIXP425AD Datasheet
273Kb / 4P
   Optimized for Broadband Applications
More results

Similar Description - FWIXP422BB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PRIXP425BD INTEL-PRIXP425BD Datasheet
2Mb / 112P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
   Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
   Product Line of Network Processors
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
   Intel IXP43X Product Line of Network Processors
EP80579 INTEL-EP80579 Datasheet
19Mb / 1916P
   Intel짰 EP80579 Integrated Processor Product Line
IXP2400 INTEL-IXP2400 Datasheet
2Mb / 126P
   Intel짰 IXP2400 Network Processor
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
Broadcom Corporation.
BCM5365 BOARDCOM-BCM5365 Datasheet
131Kb / 2P
   SENTRY 5 PRODUCT LINE: SECURED SWITCH PROCESSORS
logo
Axiomtek Co., Ltd.
NA361 AXIOMTEK-NA361 Datasheet
381Kb / 1P
   Compact Network Appliance Platform with Intel짰 Atom??Rangeley Processor and 6 LANs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com