Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12027IB27Z Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL12027IB27Z
Description  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12027IB27Z Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL12027IB27Z Datasheet HTML 4Page - Intersil Corporation ISL12027IB27Z Datasheet HTML 5Page - Intersil Corporation ISL12027IB27Z Datasheet HTML 6Page - Intersil Corporation ISL12027IB27Z Datasheet HTML 7Page - Intersil Corporation ISL12027IB27Z Datasheet HTML 8Page - Intersil Corporation ISL12027IB27Z Datasheet HTML 9Page - Intersil Corporation ISL12027IB27Z Datasheet HTML 10Page - Intersil Corporation ISL12027IB27Z Datasheet HTML 11Page - Intersil Corporation ISL12027IB27Z Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
8
FN8232.4
October 18, 2006
Typical Performance Curves Temperature is 25°C unless otherwise specified
FIGURE 5. IBAT vs VBAT, SBIB = 0
FIGURE 6. IBAT vs VBAT, SBIB = 1
FIGURE 7. IDD3 vs TEMPERATURE
FIGURE 8. IBAT vs TEMPERATURE
FIGURE 9. IDD3 vs VDD
FIGURE 10.
∆F
OUT vs ATR SETTING
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
Vbat (V)
SCL,SDA pullups = 0V
SCL,SDA pullups = Vbat
BSW = 0 or 1
BSW = 0 or 1
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.80
2.30
2.80
3.30
3.80
4.30
4.80
5.30
Vbat(V)
SCL,SDA pullups = 0V
BSW = 0 or 1
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
-45
-35
-25
-15
-5
5
1525354555657585
Temperature
Vdd=3.3V
Vdd=5.5V
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
-45
-35
-25
-15
-5
5
152535
4555657585
Temperature
Vbat = 3.0V
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
1.8
2.3
2.8
3.3
3.8
4.3
4.8
5.3
Vdd (V)
-40
-20
0
20
40
60
80
-32
-28
-24
-20
-16
-12
-8
-4
0
4
8
12
16
20
24
28
ATR setting
ISL12027


Similar Part No. - ISL12027IB27Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027IB27Z INTERSIL-ISL12027IB27Z Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027IB27Z RENESAS-ISL12027IB27Z Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
More results

Similar Description - ISL12027IB27Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com